Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 10 Page - ams AG

Part # AS6200
Description  Eval Kit Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 10 Page - ams AG

Back Button AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG AS6200 Datasheet HTML 10Page - ams AG AS6200 Datasheet HTML 11Page - ams AG AS6200 Datasheet HTML 12Page - ams AG AS6200 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS6200 Adapter Board
ams Eval Kit Manual
Page 10
[v1-01] 2017-Dec-01
Document Feedback
The board dimensions are shown below in Figure 7: Dimensions.
Figure 7: Dimensions
5.3
Bill of Materials
The BOM of the board is shown below in Table 7: BOM.
Position
Name
Value
1
R7
NP
2
R6
NP
3
R5
NP
4
R4
NP
5
R3
10K
6
R2
10K
7
R1
10K
8
P1
Header 5
9
C2
NP
10
C1
10nF
11
AS6200/C
AS6200/C WLCSP
Table 7: BOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com