Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200 Datasheet(PDF) 4 Page - ams AG

Part # AS6200
Description  Eval Kit Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 4 Page - ams AG

  AS6200 Datasheet HTML 1Page - ams AG AS6200 Datasheet HTML 2Page - ams AG AS6200 Datasheet HTML 3Page - ams AG AS6200 Datasheet HTML 4Page - ams AG AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS6200 Adapter Board
ams Eval Kit Manual
Page 4
[v1-01] 2017-Dec-01
Document Feedback
2
Getting Started
The AS6200/C adapter board is ideal for rapid setup of a digital temperature sensor. To get started
connect the board to your microcontroller configuration as described in Figure 3: I²C connection.
Add a command in your source code to request two bytes from the selected I²C address. Finally
convert the returned data as described in chapter 4.2 Temperature Register to get the actual
temperature value.
3
Hardware Description
The P1 connector does provide all relevant signals which can be easily wired to a microcontroller
and power supplied with a voltage of 1.8 to 3.6V
Pin
Symbol
Description
Info
1
SCL
I²C clock
Use R1 if pull-up is required
2
SDA
I²C data
Use R2 if pull-up is required
3
GND
Ground
4
VDD
Power supply
1,8
– 3,6 V
5
IRQ
Digital output pin
Alert interrupt output
Table 2 Adapter board pin-out
3.1
Hardware Architecture
Figure 2: AS6200 adapter board
R1, R2 and R3 are pull-up resistors for the I²C interface and the Alert pin.
Depending on the application, it is recommended to either populate the decoupling capacitor C1 or
C2.
P1 connector
AS6200
0
Address
selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com