Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047D Datasheet(PDF) 13 Page - ams AG

Part # AS5047D
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 13 Page - ams AG

Back Button AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG AS5047D Datasheet HTML 12Page - ams AG AS5047D Datasheet HTML 13Page - ams AG AS5047D Datasheet HTML 14Page - ams AG AS5047D Datasheet HTML 15Page - ams AG AS5047D Datasheet HTML 16Page - ams AG AS5047D Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ams Datasheet
Page 13
[v1-07] 2016-Apr-27
Document Feedback
AS5047D − Detailed Description
Figure 15:
SPI Read
Figure 16:
SPI Write Data Frame
Figure 16 shows the structure of the Write Data Frame.
The parity bit PARD must be calculated from the lower 15 bit of
write data frame.
In a SPI write transaction, the write command frame is followed
by a write data frame at MOSI. The write data frame consists of
the new register content, which was addressed is in the
previous command frame.
During data transmission on MOSI, the current register content
is send on MISO. At the next command on MOSI the updated
content of the register is transmitted on MISO, as shown in
Figure 17.
Bit
Name
Description
15
PARD
Parity bit (even)
14
0
Always low
13:0
DATA
Data
Z

Z

^
Z

 d

 d

Z

 d








DK^/
D/^K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com