Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5047D Datasheet(PDF) 21 Page - ams AG

Part # AS5047D
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 21 Page - ams AG

Back Button AS5047D Datasheet HTML 17Page - ams AG AS5047D Datasheet HTML 18Page - ams AG AS5047D Datasheet HTML 19Page - ams AG AS5047D Datasheet HTML 20Page - ams AG AS5047D Datasheet HTML 21Page - ams AG AS5047D Datasheet HTML 22Page - ams AG AS5047D Datasheet HTML 23Page - ams AG AS5047D Datasheet HTML 24Page - ams AG AS5047D Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ams Datasheet
Page 21
[v1-07] 2016-Apr-27
Document Feedback
AS5047D − Detailed Description
UVW Commutation Interface
The AS5047D can emulate the UVW signals generated by the
three discrete Hall switches commonly used in BLDC motors.
The UVWPP field in the SETTINGS register selects the number
of pole pairs of the motor (from 1 to 7 pole pairs). The UVW
signals are generated with 14-bit resolution.
During the start-up time, after power on of the chip, the UVW
signals are low.
Figure 32:
UVW Signals
The Figure 32 shows the UVW signal flow if the magnet rotates
in clockwise direction and counter-clockwise direction (DIR=0).
In this example the sensor to magnet arrangement is done like
shown in Figure 43.
With the bit DIR, it is possible to invert the rotation direction.
180°
240°
300°
360°
120°
60°
U
V
W
0°
angle
Clockwise rotation
Counter-clockwise rotation
180°
240°
300°
360°
120°
60°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com