Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKI-2701MPI-R Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EKI-2701MPI-R
Description  HDBaseT Gigabit 60W PoE Extender
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-2701MPI-R Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EKI-2701MPI-R Datasheet HTML 1Page - Advantech Co., Ltd. EKI-2701MPI-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
EKI-2701MPI-R
Dimensions
Panel Cut-out Dimensions (W x H x D): 48.6 x 140 x 95 mm (1.91" x 5.51" x 3.74")
Unit: mm [inch]
Ordering Informtion
ƒ
EKI-2701MPI-R-AE
HDBaseT Gigabit 60W PoE Extender
95 [3.740]
6-M3xP0.5 Draw SCREW
104 [4.094]
13 [0.512]
48.60 [1.913]
Partner Information
ƒ
EKI-2701MPI-AE
IEEE 802.3bt Gigabit 90W PoE Injector
ƒ
EKI-2701MPI-PS-AE
IEEE 802.3bt Gigabit 90W PoE Injector W/ PSU
ƒ
EKI-7712G-4FMPI-AE
IEEE 802.3bt Gigabit 90W Mega PoE Industrial Switch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com