Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKI-2701MPI-R Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-2701MPI-R
Description  HDBaseT Gigabit 60W PoE Extender
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-2701MPI-R Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-2701MPI-R Datasheet HTML 1Page - Advantech Co., Ltd. EKI-2701MPI-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Ethernet Soultions
Features
EKI-2701MPI-R
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3af/at, 802.3ab,
HDBaseT
ƒ
LAN
10/100/1000Base-T (X)
ƒ
Transmission Distance Ethernet: Up to 100 m
ƒ
Transmission Speed
Up to 1000 Mbps
Interface
ƒ
Connectors
PoE Input: RJ-45
Data IN/OUT: RJ45 (P1~P4)
ƒ
LED Indicators
PWR, PoE Status, Link/Activity
Power
ƒ
Power Consumption
Max. 65 W (Full load PoE+)
ƒ
Power Input
50 ~ 57 VDC (Single input)
ƒ
Power Output
60W
Mechanism
ƒ
Dimensions (W x H x D) 48.6 x 140 x 95 mm (1.91" x 5.51" x 3.74")
ƒ
Enclosure
IP40, Metal shell with solid mounting kits
ƒ
Mounting
DIN-rail
Protection
ƒ
Reverse Polarity
Present
Environment
ƒ
Operating Temperature -40 -75°C (-40~167°F)
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Operating Humidity
10 ~ 95% (non-condensing)
ƒ
Storage Humidity
10 ~ 95% (non-condensing)
ƒ
Certification
ƒ
EMI
CE, FCC
ƒ
EMS
EN 61000-4-2
EN 61000-4-3
EN 61000-4-4
EN 61000-4-5
EN 61000-4-6
EN 61000-4-8
ƒ
Shock
IEC 60068-2-27
ƒ
Freefall
IEC 60068-2-32
ƒ
Vibration
IEC 60068-2-6
ƒ
Patent
http://www.advantech.com/legal/patent
ƒ Supports 10/100/1000Base-T (X) for HDBaseT PoE and Data in/out
ƒ IEEE 802.3af/at compliant
ƒ Power input 50 to 57 VDC, power up to 60W
ƒ DIN-rail with IP40 metal mechanism
ƒ Supports operating temperatures from -40 to 75°C
Introduction
The EKI-2701MPI-R with high power PoE extender is designed to extend the connection easily without redeploying cables and power up to 30 watts with each PD device. It enables
connections of Ethernet equipment to extend the distance of network communications. The EKI-2701MPI-R expands power and data, allowing PD device to be powered via an external
PoE extender as if it had a local power supply.
RoHS
COMPLIANT
2011/65/EU
HDBaseT Gigabit 60W PoE Extender
All product specifications are subject to change without notice.
Last updated: 12-Oct-2018


Similar Part No. - EKI-2701MPI-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2701MPI-5G ADVANTECH-EKI-2701MPI-5G Datasheet
349Kb / 2P
Hardened multi-speed Mega PoE Injector
14-May-2021
More results

Similar Description - EKI-2701MPI-R

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316G-MX MRV-EM316G-MX Datasheet
139Kb / 2P
Gigabit Multimode Extender
logo
Level One
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9200P LVL1-HVE-9200P Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211 LVL1-HVE-9211 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
HVE-9211R LVL1-HVE-9211R Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
logo
XFMRS Inc.
XFVOIP-460 XFMRS-XFVOIP-460 Datasheet
62Kb / 1P
60W POE XFMR
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
logo
IOGEAR
GVE330 IOGEAR-GVE330 Datasheet
151Kb / 2P
HDBaseT UHD Extender
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com