Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64H Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64H
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64H Datasheet HTML 17Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 18Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 19Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 20Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 21Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 22Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 23Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 24Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
"
10. Electrical Specifications
10.
Electrical Specifications
10.1. Absolute Maximum Ratings
10.2. Operating Conditions
Table 10-1. Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VT
Voltage to any pad, except for Vcc, relative to Vss
−0.3 ~ Vcc +0.3
V
Vcc
Voltage on Vcc, relative to Vss
ESP-PSRAM64: –0.2 ~ +2.45

ESP-PSRAM64H: −0.2 ~ +4.2
V
TSTG
Storage Temperature*
−55 ~ +150
°C
���� Note:
*Storage temperature refers to the surface temperature of the case at the center of the PSRAM’s top side.
⚠ Notice:
Exposing the device to greater stress than what is listed as absolute maximum ratings could cause permanent
damage. The device is not meant to be operated under conditions outside the limits specified in this document.
Exposure to Absolute Maximum Rating conditions for extended periods may affect the device’s reliability.
Table 10-2. Operating Characteristics
Parameter
Min
Max
Unit
Operating Temperature
–40
85
°C
Espressif Systems
" /"
2018.06
17 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com