Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-PSRAM64H Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64H
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64H Datasheet HTML 18Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 19Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 20Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 21Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 22Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 23Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 24Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 25Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
"
10. Electrical Specifications
10.3. Pin Capacitance
10.4. DC Electrical Characteristics
Table 10-3. Package Pin Capacitance
Symbol
Parameter
Min
Max
Unit
Notes
CIN
Input Pin Capacitance
-
6
pF
VIN = 0V
COUT
Output Pin Capacitance
-
8
pF
VOUT = 0V
Table 10-4. DC Characteristics
Symbol
Parameter
Min
Max
Unit
Vcc
Supply voltage
ESP-PSRAM64: 1.62

ESP-PSRAM64H: 2.7
ESP-PSRAM64: 1.98

ESP-PSRAM64H: 3.6
V
VIH
Input high voltage
Vcc – 0.4
Vcc + 0.2
V
VIL
Input low voltage
–0.2
0.4
V
VOH
Output high voltage (IOH = –0.2 mA)
0.8 Vcc
-
V
VOL
Output low voltage (IOL = +0.2 mA)
-
0.2 Vcc
V
ILI
Input leakage current
-
1
μA
ILO
Output leakage current
-
1
μA
ICC
Read/Write
-
ESP-PSRAM64: 25

ESP-PSRAM64H: 40
mA
ISB
Standby current*
-
200
μA
���� Note:
*Standby current is measured when CLK is at a low DC level.
Espressif Systems
" /"
2018.06
18 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com