Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232CLDR Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 232CLDR
Description  UL Rated, Isolated Current Loop Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

232CLDR Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  232CLDR Datasheet HTML 1Page - Advantech Co., Ltd. 232CLDR Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
SPECIFICATIONS
RS-232 SERIAL
Connector
Terminal Block
Signals
TD, RD, GND
CURRENT LOOP
Signals
T+, T-, R+, R-, GND
Output Impendance
235 Ohms
Input Impendance
95 Ohms (Vdrop ± 1.86V with 20 mA applied)
Receiver
Low: <= 4.8 mA
4.8mA < invalid < 5.2 mA
High: > 5.2 mA
Transmit
Vin = +10V ---> I out = 20.75 mA
Vin = -10V ---> I out = 0.4 mA
Maximum Voltage Drop
2.2 Volts
ISOLATION
Method
Optical
Rating
2000 V
POWER
Connector
Terminal block
Voltage
10 to 30 VDC
Power Consumption
2.5 W
Source
External
TERMINAL BLOCKS
Wire Size
24 to 14 AWG
Torque
4kgf-cm
LED INDICATORS
2 Data LEDs (Red)
RS-232 & current ;oop flash when data is transmitted
ENCLOSURE
Material
Plastic
IP Rating
IP20
Dimensions
2.5 x 7.9 x 9.5 cm (1.0 x 3.1 x 3.7 in)
Mounting
35 mm DIN (panel mount adapter available, sold separately)
MEANTIME BEFORE FAILURE
MTBF
401834
MTBF Calculation Method MIL217F Parts Count Reliability Prediction
ENVIRONMENTAL
Operating Temperature
-40 to +80 °C (-40 to +176 °F)
Storage Temperature
-40 to +85 °C (-40 to +185 °F)
Operating Humidity
0 to 95% Non-condensing
APPROVALS / CERTIFICATIONS
CE, FCC
cULus Recognized, File E222870
UL Rated, Isolated
Current Loop Converter
Model 232CLDR
MECHANICAL
units = inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com