Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232CLDR Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 232CLDR
Description  UL Rated, Isolated Current Loop Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

232CLDR Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  232CLDR Datasheet HTML 1Page - Advantech Co., Ltd. 232CLDR Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
UL Rated, Isolated
Current Loop Converter
Model 232CLDR
• Converts RS-232 to 20mA current loop
• 2000V optical isolation protection from transients
• One Transmit current loop & Receive current loop
• Current loops can be set to Active or Passive
• -40 to 80°C wire operating temperature
PRODUCT FEATURES
ACCESSORIES
MDR-20-24 - DIN rail mount power supply 24VDC, 1.0 A output power
DRPM25 - 35mm DIN rail to panel mount bracket, 25mm wide
ORDERING INFORMATION
MODEL
NUMBER
SERIAL
CONNECTOR
CURRENT LOOP
CONNECTOR
POWER SOURCE
FOR SERIAL SIDE
232CLDR
Terminal Block
Terminal Block
External Power Supply
Model 232CLDR is a DIN rail mountable RS-232 to current loop converter.
It is wide temperature rated and UL Recognized for industrial applications.
It has one optically isolated 20 mA transmit loop and one optically isolated
receive loop. Each loop can be set to either “Active” or “Passive.” When set
to “Active” an isolated 20 mA current is supplied for each loop (Transmit and
Receive). A 10 to 30 VDC power supply (required, not included) provides
power to the converter and both current loops.
The 232CLDR communicates at baud rates up to 19.2 kbps and can extend
communications up to 600 meters (2,000 ft.). 2,000V optical isolation protects
equipment from damaging ground loops and surges. Two LED’s indicate data
flow. Connections are made on terminal blocks.
232CLDR_3217ds
Current Loop Explained
Current loop devices use Current On or Current Off to transmit binary digits.
Current loop signals can often transmit over circuits that serial signals can’t
traverse reliably, due to distance, marginal conductors and electrical noise.
Current loop converters from B+B SmartWorx interface RS-232 to the most
common current loop ports – 20mA with open circuit voltages up to 30 V – at
a maximum baud rate of 19.2 kbps. High speed optical isolators couple and
isolate Transmit and Receive data. All B+B SmartWorx’ current loop converters
have a Transmit (T+ and T-) loop and a Receive (R+ and R-) loop. Each loop
may be operated as an active or passive loop. When the converter needs to
provide the loop current, a 12 VDC power supply is required for the current loop
side.
Contact B+B SmartWorx for information on modifications for higher loop
currents and voltages.


Similar Part No. - 232CLDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
232CL9R ETC-232CL9R Datasheet
95Kb / 2P
9 Pin RS-232 to Current Loop Converter
232CL9R0900 ETC-232CL9R0900 Datasheet
95Kb / 2P
9 Pin RS-232 to Current Loop Converter
More results

Similar Description - 232CLDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
logo
List of Unclassifed Man...
232PCL ETC1-232PCL Datasheet
75Kb / 1P
RS-232 to Current Loop Converter
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
Industrial Current Loop Converter
232PCLR ETC1-232PCLR Datasheet
77Kb / 1P
Current Loop Converter
logo
Analog Devices
7B35 AD-7B35 Datasheet
532Kb / 8P
Isolated Process Current Input with Loop Power
logo
List of Unclassifed Man...
MIC-24CL ETC2-MIC-24CL Datasheet
442Kb / 4P
Current Loop Interface Converter
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
7B35 AD-7B35_15 Datasheet
533Kb / 8P
Isolated Process Current Input with Loop Power
REV. 0
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
logo
MultiDimension Technolo...
TMR7307-C MULTIDIMENSION-TMR7307-C Datasheet
740Kb / 12P
Isolated, Wide Bandwidth, Open Loop TMR Current Sensor
Version 1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com