Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3191G-R3BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-3191G-R3BE
Description  9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3191G-R3BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3191G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3191G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
FPM-3191G
Rackmount hole diameter
Vertical: 6.5 mm
Horizontal: 9 mm
Panel Cutout Dimensions: 441 x 376.4 mm (17.36 x 14.81 in)
I/O View
VGA Port
DC-Jack 12VDC for
Power Adapter
Phoeni x Jack: 24 VDC
T/S USB Port
DVI-D
T/S RS-232 Port
482.00 [18.98]
8.00
[0.31]
67.00 [2.64]
439.00 [17.28]
100.00 [3.94]
75.00 [2.95]
M4
M4
M4
M4
M4
M4
M4
M4
Ordering Information
ƒ
FPM-3191G-R3BE
19" SXGA Ind. Monitor w/ Resistive TS (Combo)
Optional Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
(Direct rack mounting, no need accessory)
ƒ
PWR-247-DE
Adapter 100-240V 60W 24V 2.5A
ƒ
FPM-3001G-ADKE
Adapter bracket for FPM-3000 15"/17"/19"



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com