Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3191G-R3BE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3191G-R3BE
Description  9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3191G-R3BE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3191G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3191G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors
Features
FPM-3191G
9U Rackmount, 19" SXGA Industrial
Monitor with Resistive Touch Control,
Direct VGA, and DVI Ports
Specifications
General
ƒ
OSD Controls
OSD control pad on front panel
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Dimensions (W x H x D) 482 x 399.2 x 67 mm (18.98 x 15.71 x 2.64 in)
ƒ
Enclosure
Front panel: Aluminum with coating
Rear cover: Stainless steel chassis
ƒ
Mount Options
Panel, wall, desktop, VESA arm, and 19" rackmount
ƒ
Power Input
Phoenix Jack: 24 VDC input
ƒ
Power Consumption
18 W + 20%
ƒ
Video Port
VGA & DVI-D port
ƒ
Weight (Net)
10.65 kg (23.46 Ibs)
LCD Display
ƒ
Display Type
SXGA TFT LCD with LED backlight
ƒ
Display Size
19"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Color
16.7M
ƒ
Viewing Angle (H/V °) 170/160
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life
50,000 hr
ƒ
Contrast Ratio
1000:1
ƒ
19" SXGA TFT LED LCD with 50K backlight lifetime
ƒ
Robust design with stainless steel chassis and aluminum front panel
ƒ
Anti-glare screen with tempered glass and IP65-certified front panel
ƒ
Lockable OSD control pad on rear cover
ƒ
Supports 24 VDC power input
ƒ
Supports panel, wall, desktop, rack, or VESA arm mounting
ƒ
Supports 9U pre-drilled rackmount mounting holes
Touchscreen
ƒ
Driver
Penmount 6000
ƒ
Interface
RS-232 and USB
ƒ
Lifespan
35 million touches at a single point
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP,2000,Vista,7,8/8.1,10 , XP/7/8/10
Embedded,CE,Linux
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 80 °C (-22 ~ 176 °F)
ƒ
Humidity (Storage)
90% @ 50 °C non-condensing
ƒ
IP Rating
Front panel is IP65 compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Introduction
FPM-3191G is a 19" color TFT LCD flat panel monitor specifically designed for industrial applications. With a display size of 19", FPM-3191G provides an adequate display area with
sharp and vivid images. The monitor also supports direct VGA signal transmissions, allowing users to upgrade the displays without altering the existing infrastructure. The provision of
OSD function keys makes it easy to adjust the onscreen display. Furthermore, the stainless steel chassis and IP65-rated aluminum front panel ensure suitability for industrial applications.
All product specifications are subject to change without notice.
Last updated: 8-Sep-2020


Similar Part No. - FPM-3191G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3191G-R3AE ADVANTECH-FPM-3191G-R3AE Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
More results

Similar Description - FPM-3191G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G_15 Datasheet
286Kb / 2P
8U Rackmount 17" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports, and Wide Operating Temperature Range
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G_15 Datasheet
326Kb / 2P
9U Rackmount 19" SXGA Industrial Monitor with Resistive Touchscreen,Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G_V01 Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
FPM-5191G ADVANTECH-FPM-5191G Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-715 ADVANTECH-FPM-715 Datasheet
473Kb / 2P
15" XGA/17" SXGA/19" SXGA Industrial Monitors with Resistive Touch Control, Direct HDMI, DP, and VGA Ports
23-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com