Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-7121T-R3AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-7121T-R3AE
Description  12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-7121T-R3AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-7121T-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-7121T-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial Monitors
Dimensions
Unit: mm
FPM-7121T
Panel Cutout Dimensions: 303 x 229 mm (11.93 x 9.02 in)
Ordering Information
ƒ
FPM-7121T-R3AE
12.1" XGA Ind Monitor w/Resistive TS (VGA/DP)
Optional Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
ƒ
96PSA-A60W24T2
Adapter 100-240V 60W 24V 2.5A
ƒ
FPM-7000G-ADKE
Mounting bracket of adapter for FPM-7000
ƒ
FPM-1000T-SMKE
Stand/Wall Mount Kit
Front View
9
180
311.8
301.6
44.5
25.5
247.2
180
100
75
7
9
7TPY
2-M4x0.7Px4L
I/O View
Rear View
OSD Control Keys
VESA Mount
TS Interface-USB Port
24V DC Power Input
with Phoenix Jack
TS Interface-RS232 Port
VGA Port
Display Port



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com