Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-7121T-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-7121T-R3AE
Description  12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-7121T-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-7121T-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-7121T-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
FPM-7121T
12.1" XGA Industrial Monitor with
Resistive Touch Control, Direct VGA/DP,
and Wide Operating Temperature Range
ƒ 12.1" XGA TFT LED LCD with 50K backlight lifetime
ƒ Robust system with IP66-rated aluminum front panel
ƒ Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ Anti-glare touchscreen with tempered glass
ƒ Supports various mount options: panel, wall, desktop, and VESA arm
ƒ Combo RS-232+USB interface for touchscreen functionality
ƒ OSD control buttons on rear panel
ƒ Lockable I/O connectors
Introduction
FPM-7000T series monitors are the first, true-flat, 4:3, industrial-grade monitors. The 5-wire resistive touchscreen is enclosed in a highly durable, die cast aluminum alloy front bezel
that provides IP66-rated protection from water and dust ingress. Additionally, the FPM-7000T series monitors support a wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
and various mount options to ensure easy installation and support for diverse environments.
Specifications
General
ƒ
OSD Controls
OSD control buttons on rear panel
ƒ
Certification
BSMI, CCC, CE, FCC Class A, UL
ƒ
Dimensions (W x H x D) 311.8 x 238 x 44.5 mm (12.28 x 9.37 x 1.76 in)
ƒ
Enclosure
Front panel: Die cast magnesium alloy
Rear cover: SECC
ƒ
Mount Options
Stand, Wall, Panel and VESA 75x75 & 100x100mm
ƒ
Power Input
Phoenix Jack: 24 VDC input
ƒ
Power Consumption
15 W + 20%
ƒ
Video Port
VGA & DP
ƒ
Weight (Net)
2.6 kg (5.73 lb)
LCD Display
ƒ
Display Type
XGA TFT LED LCD
ƒ
Display Size
12.1"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M
ƒ
Viewing Angle (H/V °) 160/140
ƒ
Luminance (cd/m2)
600
ƒ
Backlight Life
50,000 hr
ƒ
Contrast Ratio
700 :1
Touchscreen
ƒ
Type
5-wire, analog resistive
ƒ
Interface
RS-232 and USB
ƒ
Light Transmission
Above 75%
ƒ
OS Support
Windows XP, Vista,7, 8,10,XPe and Linux
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 70 °C (-22 ~ 158 °F)
ƒ
Humidity (Storage)
10 ~ 90% non-condensing
ƒ
IP Rating
Front panel is IP66 compliant
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - FPM-7121T-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-7121T-R3AE ADVANTECH-FPM-7121T-R3AE Datasheet
745Kb / 2P
Most Ruggedized Industrial Displays - FPM
More results

Similar Description - FPM-7121T-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3120G ADVANTECH-FPM-3120G Datasheet
669Kb / 2P
12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3171G ADVANTECH-FPM-3171G_V01 Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-3121G ADVANTECH-FPM-3121G Datasheet
379Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3151G ADVANTECH-FPM-3151G Datasheet
452Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
27-Jun-2018
FPM-7151T ADVANTECH-FPM-7151T Datasheet
447Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-815S ADVANTECH-FPM-815S Datasheet
433Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com