Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS25KB080 Datasheet(PDF) 2 Page - Intel Corporation

Part # RMS25KB080
Description  Intel짰 Integrated RAID Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RMS25KB080 Datasheet(HTML) 2 Page - Intel Corporation

  RMS25KB080 Datasheet HTML 1Page - Intel Corporation RMS25KB080 Datasheet HTML 2Page - Intel Corporation RMS25KB080 Datasheet HTML 3Page - Intel Corporation RMS25KB080 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intel® Integrated rAID Modules rMS25KB080 and rMS25KB040
Low Cost SAS-2 with Mirroring, Striping and JBOD for Intel® Server Boards and Systems
Why Intel® RAID?
All Intel rAID solutions are validated across multiple
platforms with Intel® boards, chassis, and systems. Custom
training, as well as Intel service and support, make Intel the
one source for customers seeking data protection, increased
productivity, and simplified IT.
Product Overview:
Ideal for servers and workstations needing high-speed data
transfer within a small hardware footprint, the Intel rAID Module
rMS25KB080/040 delivers a 1u capable design with high-
throughput for internal storage applications. this rAID controller
provides SAS capability that allows compatibility with 6Gb/s and
3Gb/s SAS and SAtA hard drives, and SAS expander devices.
While many other SAS controllers are driven by large rAID
software stacks between the host CPu and controller, the
rMS25KB080/040 utilizes the embedded CPu in the LSI* 2308
ASIC to perform rAID 0, 1, and 1e/10 operations. With the reduction
in rAID overhead, the rMS25KB080/040 offers superior internal
reAD/WrIte performance.
Key Advantages:
•
•
•
•
System Design Flexibility – 1u capable SAS rAID module
connects to the Storage I/O expansion slot available on select
Intel® server boards based on the Intel® Xeon® processor e5
product family. this module can be used in Intel and 3rd party
chassis without the need for a riser card or low profile cutout.
Cost Effective Data Protection – provides a low-cost rAID
0, 1 and 1e solution for entry-level server and workstation
environments where high-performance and reliable data
protection are required.
Excellent Performance and Ultra-Thin Driver – LSI fusion-
MPt™ architecture and LSI2308 I/O Controller provides up to
700,000 I/Os per second while communicating over the PCI
express* 3.0 Host Bus.
High Scalable SAS or SATA Storage – connect SAS or SAtA
devices within the array. employ Just a Bunch of Disks (JBODs)
with support of up to 512 physical devices, or rAID 0, 1, 1e/10
with up to 10 devices.
The Intel® RMS25KB family has an
option for a 4 port or an 8 port model.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com