Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMS25KB080 Datasheet(PDF) 4 Page - Intel Corporation

Part # RMS25KB080
Description  Intel짰 Integrated RAID Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RMS25KB080 Datasheet(HTML) 4 Page - Intel Corporation

  RMS25KB080 Datasheet HTML 1Page - Intel Corporation RMS25KB080 Datasheet HTML 2Page - Intel Corporation RMS25KB080 Datasheet HTML 3Page - Intel Corporation RMS25KB080 Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1 At launch, compatibility will be limited to PCIe Gen2. PCIe Gen3 support is anticipated to be added by June 2012 and will require a module with a manufacture date that follows the
addition of PCIe Gen3 support.
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE,
TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL’S TERMS AND CONDITIONS OF SALE FOR SUCH
PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING TO SALE AND/OR USE OF INTEL
PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT,
COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS OTHERWISE AGREED IN WRITING BY INTEL, THE INTEL PRODUCTS ARE NOT DESIGNED NOR
INTENDED FOR ANY APPLICATION IN WHICH THE FAILURE OF THE INTEL PRODUCT COULD CREATE A SITUATION WHERE PERSONAL INJURY OR DEATH MAY OCCUR.
Intelmaymakechangestospecificationsandproductdescriptionsatanytime,withoutnotice.Designersmustnotrelyontheabsenceorcharacteristicsofanyfeaturesorinstructions
marked“reserved”or“undefined”.Intelreservestheseforfuturedefinitionandshallhavenoresponsibilitywhatsoeverforconflictsorincompatibilitiesarisingfromfuturechangesto
them.Theinformationhereissubjecttochangewithoutnotice.Donotfinalizeadesignwiththisinformation.
Theproductsdescribedinthisdocumentmaycontaindesigndefectsorerrorsknownaserratawhichmaycausetheproducttodeviatefrompublishedspecifications.Current
characterizederrataareavailableonrequest.
ContactyourlocalIntelsalesofficeoryourdistributortoobtainthelatestspecificationsandbeforeplacingyourproductorder.
Intel, the Intel logo and Xeon are trademarks of Intel Corporation in the U.S. and/or other countries.
*Other names and brands may be claimed as the property of others.
Copyright © 2012 Intel Corporation. All rights reserved.
0212/SJ/Exact/PDF
Please Recycle
326852-001US
for more information on how to make Intel® rAID products part of a successful storage
solution, visit:
www.intel.com/go/RAID
Product Order Codes
rS25KB080 (8 port)
rS25KB040 (4 port)
Cables
Multiple kits are available that fit the chassis the module is
installed in. See www.intel.com/go/rAID for details.
Data Protection Feature Highlights
Distributed Sparing
Hot Spare Support
expander Support
Background Consistency Checking
enclosure Management
S.M.A.r.t. Support
rAID support before operating system loaded
Intel® RAID Software
Intel® rAID Web Console 2
Intel® rAID Command Line tool
Intel® rAID flash utilities
I/O Processor
LSI SAS2308 SAS Controller
Drive Types
SAS 6Gb/s , SAtA 6Gb/s, SAS 3Gb/s or SAtA 3Gb/s
Maximum Devices / Drives
Non-rAID
Integrated rAID (Ir)
rAID 0
rAID 1
rAID 1e
rAID 10
512
14 spread across 2 volumes
10 per volume
2 per volume plus hotspare
10 per volume
10 per volume
Connectors
080 models have two SAS Sff8087 x4 SAS internal connec-
tors; 040 models have one Sff8087 x4 connector
PCI Interface
X8 PCI express* 3.01
Form Factor
1u Capable Mezzanine Board
Data Transfer Rates
up to 6Gb/s per port
Operating Temperature
Maximum ambient: 50°C
Operating Voltage
+12V ±10%
Standard Warranty
3 years, AWr option
Intel Server Boards Supported
Intel® Server Boards for the Intel® Xeon® processor e5 prod-
uct family only. Support for future Intel® Server Boards also
planned. See www.intel.com/go/rAID for an up to date list of
supported motherboards.
Operating Systems
extensive support includes Microsoft
® Windows® Vista/2008/
Server 2003/2000/XP, Linux
®, Solaris®(x86), Netware®,
freeBSD
®, VMware® and more.
See intel.com for the most complete list of supported
operating systems
Technical Specifications:
®®



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com