Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C850KC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 25Page - Advanced Micro Devices AM79C850KC Datasheet HTML 26Page - Advanced Micro Devices AM79C850KC Datasheet HTML 27Page - Advanced Micro Devices AM79C850KC Datasheet HTML 28Page - Advanced Micro Devices AM79C850KC Datasheet HTML 29Page - Advanced Micro Devices AM79C850KC Datasheet HTML 30Page - Advanced Micro Devices AM79C850KC Datasheet HTML 31Page - Advanced Micro Devices AM79C850KC Datasheet HTML 32Page - Advanced Micro Devices AM79C850KC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
P R E L I M I N A R Y
AMD
29
SUPERNET 3
(if transmitting), releases the token, and no further
transmissions can occur until the pin is deasserted.
During the time that the TRANSMIT INHIBIT function is
enabled the network timers and state machines
operate normally.
As a result of the change to the FLXI pin, which of the
two functions is selected depends upon the state of FLXI
bits, as follows:
FLXI
Pin
FLXI1
FLXI0
Function Implemented
0
0
0
Normal Operation
1
0
0
Normal Operation
0
0
1
Normal Operation
1
0
1
FLUSH received frame
0
1
0
Normal Operation
1
1
0
INHIBIT transmission
0
1
1
Reserved
1
1
1
Reserved
Upon reset, the FLXI1:0 bits would read all zeros.
Single Frame Receive Mode
The Single Frame Receive Mode function has been
removed from the SUPERNET 3. All associated status,
modes and commands are deleted and replaced with
reserved. This causes the following changes:
1. Status Register 2 Upper:
The ‘Receive Frame’ (SRCVFRM) bit 10 and
‘Receive Frame Counter Overflow’ (SRFRCTOV) bit
9 are now reserved and return a value of zero when
read.
2. Command Register 2:
The ‘Enable Receive Single Frame’ command
(0x40) is no longer a valid command. This is now
reserved.
3. Mode Register 1:
The ‘Single-Frame Receive Mode’ bit [15] is no
longer valid. It is now a reserved bit and shall return a
value of zero when read.
Receive Queue Operation
SUPERNET 3 provides a new feature where the user
can configure the buffer memory for incoming valid
frame into two separate receive queues. The type of
frames that each queue would receive is selected in a
separate register, the Frame Selection Register
(FRSELREG). To enable two receive queues operation,
MENDRCV bit in Mode Register 3 (MDREG3) needs to
be set. If this bit is cleared, which is the case at the time
of reset, then SUPERNET 3 behaves like F+ (i.e only
one receive queue is supported, and SUPERNET 3
defaults to Receive Queue 1). If MDREG3 bit 11,
MENDRCV and both RECVX3:0 in Frame Selection
Register (FRSELREG) is programmed to be “0000”
then the SUPERNET 3 would behave like FORMAC+
and the second queue is ignored. However, if one of the
RECVX3:0 bits in FRSELREG are programmed to be
“0000” then the corresponding queue would receive all
frames except the frame type selected for the other
queue. Only the second receive queue (i.e. RECV2) can
be programmed to be “0000”. Programming the RECV1
bits in the Frame Selection Register (FRSELREG) with
“0000” and RECV2 bits with a non-zero selection, will
result in no data being written in the RECV1 queue. Only
the frame type selected by RECV2 bits will be received
in the second queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com