Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C850KC Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C850KC
Description  SUPERNET-R 3
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KC Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C850KC Datasheet HTML 9Page - Advanced Micro Devices AM79C850KC Datasheet HTML 10Page - Advanced Micro Devices AM79C850KC Datasheet HTML 11Page - Advanced Micro Devices AM79C850KC Datasheet HTML 12Page - Advanced Micro Devices AM79C850KC Datasheet HTML 13Page - Advanced Micro Devices AM79C850KC Datasheet HTML 14Page - Advanced Micro Devices AM79C850KC Datasheet HTML 15Page - Advanced Micro Devices AM79C850KC Datasheet HTML 16Page - Advanced Micro Devices AM79C850KC Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
P R E L I M I N A R Y
AMD
13
SUPERNET 3
DS
Data Strobe/ (TTL input, active low)
– Asynchronous when NPMODE = 0
– Synchronous when NPMODE = 1
The
DS input (active low) is used in the handshake
between the NP and SUPERNET 3 when the
SUPERNET 3 acts as bus slave during register
accesses. In the asynchronous mode, this input signal is
set by the node processor to transfer data between the
NP and the SUPERNET 3. The direction of the data
transfer is dictated by the logic level of the R/
W line. The
NP sets
DS low to initiate a data transfer. DS is not used
in the synchronous mode. The chip-select input (
CSI)
must be low while
DS is low in order to start an NP
bus transaction.
NPADDR7–0
NP Address Bus (TTL input)
The NPADDR7–0 input lines allow direct access to
SUPERNET 3 internal registers. In addition, these
lines are used to place SUPERNET 3 into different
operating states.
The NPADDR bus of the SUPERNET 3 performs two
control functions. First, the input on NPADDR7–0 acts
as an address, selecting the proper internal register for a
read or write operation that is controlled by the R/
W pin.
The data is either read onto or loaded from the 16-bit
NP bus. For a discussion of the results of read and load
instructions, see the section under Programming
the FORMAC Plus in the SUPERNET 2 data book.
Second, instructions or commands can be issued to
SUPERNET 3 by using the NPADDR bus.
NPDATA15–0
NP Data Bus (TTL input, TTL output, high
impedance)
The NP data bus is a 16-bit wide bidirectional data bus
used to interface the SUPERNET 3 to the node
processor. Data transfer on the NP data bus can be
synchronous or asynchronous depending upon the
setting of the NPMODE pin. For asynchronous opera-
tion, a two-wire handshake is provided through the
READY and data-strobe (DS) lines.
NPMODE
NP Bus Mode (TTL input)
The level on the NPMODE pin defines the type of
NP-bus interface with the SUPERNET 3. When
NPMODE is strapped high, the NP interface operates
synchronously with BCLK. When NPMODE is strapped
low, asynchronous interface operation is selected.
READY
Ready (TTL output, open drain, active low, high
impedance)
In asynchronous mode, the
READY output (active low)
is used in the handshake between the NP and
SUPERNET 3. The SUPERNET 3
READY output
provides an asynchronous acknowledgment to the NP
that data transfer is complete. The SUPERNET 3
asserts
READY when it has put the data onto the NP bus
during a read cycle, or when it has taken the data from
the NP bus during a write cycle.
READY is a response to
the
CSI and DS inputs, and returns high after the CSI or
DS signals go high.
In the synchronous mode, the
READY line goes active
on the BCLK edge when
CSI and DS are active. READY
goes inactive on the following BCLK edge. In the case of
loading/reading of the MDR (memory data register),
READY goes active on the BCLK edge after the
completion of any pending data transfer from/to
buffer memory.
R/W
Read/Write Select (TTL input)
The R/
W line is used to select the type of access (i.e.,
read or write) between the SUPERNET 3 and the NP. If
R/
W is high, data is read from the SUPERNET 3 to the
NP. If R/
W is low, the data flow is from the NP to the
SUPERNET 3.
MINTR1
Maskable Interrupt 1 (TTL output, open drain, high
impedance)
The
MINTR1 output (active low) is an attention line to
the NP.
MINTR1, when active, indicates an interrupt due
to one or more unmasked flags in status register 1. In
general, the active state of
MINTR1 indicates that an
unmasked interrupt condition or a transmit condition has
occurred.
MINTR1 is deactivated once either the lower
or upper 16 bits of status register 1 (ST1L or ST1U) are
read. Once
MINTR1 is asserted, all 32 bits of status
register 1 must be read to enable any future interrupt on
this pin.
MINTR2
Maskable Interrupt 2 (TTL output, open drain, high
impedance)
The
MINTR2 output (active low) is an attention line to
the NP.
MINTR2, when active, indicates an interrupt due
to one or more unmasked flags in status register 2. In
general, the active state of
MINTR2 indicates that an
unmasked interrupt condition, a receive condition, or a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com