Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNETR6 Datasheet(PDF) 2 Page - Schneider Electric

Part # PNETR6
Description  APC Surge Module for CAT6 or CAT5/5e Network Line, Replaceable, 1U, use with PRM4 or PRM24 Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PNETR6 Datasheet(HTML) 2 Page - Schneider Electric

  PNETR6 Datasheet HTML 1Page - Schneider Electric PNETR6 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental
Ambient Air Temperature for Operation
5…113 °F (-15…45 °C)
Relative Humidity
0…95 %
Operating altitude
0...10000 ft
Ambient Air Temperature for Storage
5…113 °F (-15…45 °C)
Storage Relative Humidity
0…95 %
Storage altitude
0…10000 Ft (0.00…3048.00 m)
Surge Protection and Filtering
Data Lines Protected<br />(multi-line only)
1
Peak current
0.25 KA common mode
0.2 KA normal mode
Data line protection
RJ45 10/100/1000 Base-T Ethernet protection
Ordering and shipping details
GTIN
00731304217183
Package weight(Lbs)
0.09 Lb(US) (0.04 kg)
Packing Units
Package 1 Height
3.90 In (9.9 cm)
Package 1 width
1.30 In (3.3 cm)
Package 1 Length
3.74 In (9.5 cm)
SCC14
30731304217184
Number of Units in Package 2
96
Package 2 Weight
13.23 Lb(US) (6.00 kg)
Package 2 Height
8.13 In (206.50 mm)
Package 2 width
16.25 In (412.75 mm)
Package 2 Length
25.12 In (638.05 mm)
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Lead free
Yes
WEEE
The product must be disposed on European Union markets following speci-
fic waste collection and never end up in rubbish bins.
Take-back
Take-back program available
Contractual warranty
Warranty
Lifetime
Product Life Status :
Commercialised
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com