Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNETR6 Datasheet(PDF) 1 Page - Schneider Electric

Part # PNETR6
Description  APC Surge Module for CAT6 or CAT5/5e Network Line, Replaceable, 1U, use with PRM4 or PRM24 Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PNETR6 Datasheet(HTML) 1 Page - Schneider Electric

  PNETR6 Datasheet HTML 1Page - Schneider Electric PNETR6 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PNETR6
APC Surge Module for CAT6 or CAT5/5e Network
Line, Replaceable, 1U, use with PRM4 or PRM24
Chassis
Overview
Presentation
Protects an ethernet data port from damaging transients. Supports Cat5, Cat5E and-
Cat6 cabling standards. Compatible with Power Over Ethernet (POE) and network-
speeds up to 10GbE (10GigE).
Lead time
Usually in Stock
General
Provided equipment
User manual
Physical
Color
Black
Depth
2.72 In (6.9 cm)
Height
1.73 In (4.4 cm)
Product Weight
0.04 Lb(US) (0.02 kg)
Width
0.75 In (1.9 cm)
Output
Number of power socket outlets
1
Conformance
Product Certifications
UL Recognized
Standards
UL 497B
Sep 20, 2021
1


Similar Part No. - PNETR6

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE200100CPE NEXPERIA-PNE200100CPE Datasheet
926Kb / 13P
200 V, 2 x 5 A dual common cathode hyperfast recovery rectifier
9 September 2021
PNE200100CPE NEXPERIA-PNE200100CPE Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PNE200100CPE NEXPERIA-PNE200100CPE Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PNE200100CPE-Q NEXPERIA-PNE200100CPE-Q Datasheet
264Kb / 13P
200 V, 2 x 5 A dual common cathode hyperfast recovery rectifier
10 September 2021
PNE200100CPE-QZ NEXPERIA-PNE200100CPE-QZ Datasheet
264Kb / 13P
200 V, 2 x 5 A dual common cathode hyperfast recovery rectifier
10 September 2021
More results

Similar Description - PNETR6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
Line Card Protection Switch for SONET or SDH Network Elements
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
logo
Grayhill, Inc
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
For Use with MicroDac or PAMUX Controllers
logo
List of Unclassifed Man...
PDIGTR ETC2-PDIGTR Datasheet
110Kb / 1P
APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
logo
Tripp Lite. All Rights ...
N254-024-SH TRIPPLITE-N254-024-SH Datasheet
482Kb / 3P
24-Port 1U Rackmount STP Shielded Cat6 / Cat5
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
logo
Lanner All Rights Reser...
NCA-5220 LANNER-NCA-5220 Datasheet
681Kb / 2P
1U 19??Rackmount Network Appliance Built with Intel짰 Xeon짰 E or Core i3 or Pentium or Celeron Processor (Codenamed Coffee Lake)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com