Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8515 Datasheet (PDF) - Semtech Corporation

ACS8515 Datasheet PDF - Semtech Corporation
Part # ACS8515
Download  ACS8515 Download
File Size   454.95 Kbytes
Page   50 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for SONET or SDH Network Elements

ACS8515 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS8515 Datasheet PDF - Semtech Corporation

Part # ACS8515
Download  ACS8515 Click to download

File Size   454.95 Kbytes
Page   50 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for SONET or SDH Network Elements

ACS8515 Datasheet (HTML) - Semtech Corporation


ACS8515 Product details

Description
The ACS8515 is a highly integrated, single-chip solution for ‘hit-less’ protection switching of SEC clocks from Master and Slave SETS clockcards in a SONET or SDH Network Element. The ACS8515 has fast activity monitors on the inputs and will implement automatic system protection switching against master clock failure.

Features
• Suitable for Stratum 3, 4E and 4 SONET or SDH Equipment Clock (SEC) applications
• Meets AT&T, ITU-T, ETSI and Telcordia specifications
• Three SEC input clocks, from 2 kHz to 155.52 MHz
• Generates two SEC output clocks, up to 311.04 MHz
• Frequency translation of SEC input clock to a different local line card clock
• Robust input clock source frequency and activity monitoring on all inputs
• Supports Free-run, Locked and Holdover modes of operation
• Automatic ‘hit-less’ source switchover on loss of input
• External force fast switch between SEC inputs
• Phase build out for output clock phase continuity during input switchover
• SPI(1) compatible serial microprocessor interface
• Programmable wander and jitter tracking attenuation 0.1 Hz to 20 Hz
• Single +3.3 V operation. +5 V I/O compatible
• Operating temperature (ambient) -40°C to +85°C
• Available in 64 pin LQFP package
• Lead (pb)-free version available (ACS8515 Rev2.1T) RoHS and WEEE compliant.




Similar Part No. - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8515 IQD-ACS8515 Datasheet
208Kb / 4P
TCXO Specification
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
ACS8515P SEMTECH-ACS8515P Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
More results


Similar Description - ACS8515

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
751Kb / 69P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30407 ZARLINK-ZL30407 Datasheet
843Kb / 57P
SONET/SDH Network Element PLL
logo
Semtech Corporation
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com