Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8527 Datasheet (PDF) - Semtech Corporation

ACS8527 Datasheet PDF - Semtech Corporation
Part # ACS8527
Download  ACS8527 Download
File Size   433.69 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for PDH, SONET or SDH Systems

ACS8527 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS8527 Datasheet PDF - Semtech Corporation

Part # ACS8527
Download  ACS8527 Click to download

File Size   433.69 Kbytes
Page   22 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for PDH, SONET or SDH Systems

ACS8527 Datasheet (HTML) - Semtech Corporation


ACS8527 Product details

Description
The ACS8527 is a highly integrated, single-chip, MUX with PLL solution for protection switching between two SECs (SDH/SONET Equipment Clocks) from Master and Slave SETS (Synchronous Equipment Timing Source) clock cards, for line cards in a PDH, SONET or SDH Network Element. The ACS8527 has fast activity monitors on the inputs and will raise a flag on a pin if there is a loss of activity on the currently selected input. The protection switching between the input reference clock sources is controlled by an external pin.

Features
◆ Line card protection switch - partners Semtech SETS devices for Stratum 3E/3/4E/4 PDH, SONET or SDH applications
◆ High performance DPLL/APLL solution
◆ Output jitter compliant to STM-1
◆ Two independent SEC inputs ports (TTL)
◆ Four independent output ports:
    ◆ Two clock ports: one LVDS, one TTL
    ◆ Two Syncs (TTL): 8 kHz FrSync & 2 KHz MFrSync
◆ I/O frequencies configurable via hardware pins:
    ◆ TTL I/O ports: spot frequencies 1.544 MHz to 77.76 MHz
    ◆ LVDS output port: spot frequencies 19.44 MHz to 155.52 MHz
◆ Digital Holdover mode on input failure
◆ “Loss of activity” on selected input flagged on dedicated pin
◆ Source switch under external hardware control
◆ 7O Hz (acquisition) /35 Hz (locked) DPLL bandwidth
◆ Output clock phase continuity to GR-1244-CORE[13]
◆ Single 3.3 V operation, 5 V I/O compatible
◆ IEEE 1149.1 JTAG Boundary Scan is supported
◆ Operating temperature (ambient) of -40 to +85°C
◆ Available in LQFP 64 package
◆ Lead (Pb)-free version available (ACS8527T). RoHS and WEE compliant




Similar Part No. - ACS8527

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
ACS8520 SEMTECH-ACS8520 Datasheet
1Mb / 150P
Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520 IQD-ACS8520 Datasheet
208Kb / 4P
TCXO Specification
logo
Semtech Corporation
ACS8520A SEMTECH-ACS8520A Datasheet
3Mb / 150P
Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
logo
IQD Frequency Products ...
ACS8520A IQD-ACS8520A Datasheet
208Kb / 4P
TCXO Specification
More results


Similar Description - ACS8527

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30106 ZARLINK-ZL30106 Datasheet
423Kb / 48P
SONET/SDH/PDH Network Interface DPLL
ZL30106 ZARLINK-ZL30106_05 Datasheet
1Mb / 48P
SONET/SDH/PDH Network Interface DPLL
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
SONET/SDH Low Jitter Line Card Synchronizer
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
Line Card Protection Switch for SONET or SDH Network Elements
ACS8525 SEMTECH-ACS8525 Datasheet
1Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com