Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8525 Datasheet (PDF) - Semtech Corporation

ACS8525 Datasheet PDF - Semtech Corporation
Part # ACS8525
Download  ACS8525 Download
File Size   1899.14 Kbytes
Page   112 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for SONET/SDH Systems

ACS8525 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS8525 Datasheet PDF - Semtech Corporation

Part # ACS8525
Download  ACS8525 Click to download

File Size   1899.14 Kbytes
Page   112 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Line Card Protection Switch for SONET/SDH Systems

ACS8525 Datasheet (HTML) - Semtech Corporation


ACS8525 Product details

Description
The ACS8525 is a highly integrated, single-chip solution for “Hit-less” protection switching of SEC (SDH/SONET Equipment Clock) + Sync clock “Groups”, from Master and Slave SETS clock cards and a third (Stand-by) source, for Line Cards in a SONET or SDH Network Element. The ACS8525 has fast activity monitors on the SEC clock inputs and will implement automatic system protection switching against the Master clock failure. The selection of the Master/Slave input can be forced by a Force Fast Switch pin. If both the Master and Slave input clocks fail, the Stand-by “Group” is selected or, if no Stand-by is available, the device enters Digital Holdover mode.

Features
◆ SONET/SDH applications up to OC-3/STM-1 bit rates
◆ Switches between grouped inputs (SEC/Sync pairs)
◆ Inputs: three SECs at any of 2, 4, 8 kHz (and N x 8 kHz multiples up to 155.52 MHz), plus Frame Sync/MultiFrame Sync
◆ Outputs: two SEC clocks at any of several spot frequencies from 2 kHz up to 77.76 MHz via the TTL/CMOS port and up to 311.04 MHz via the PECL/LVDS port
◆ Selectable clock I/O port technologies
◆ Modes for E3/DS3 and multiple E1/DS1 rate output clocks
◆ Frequency translation of SEC input clock to a different local line card clock
◆ Robust input clock source activity monitoring on all inputs
◆ Supports Free-run, Locked and Digital Holdover modes of operation
◆ Automatic “Hit-less” source switchover on loss of input
◆ External force fast switch between SEC1/SEC2 inputs
◆ Phase Build-out for output clock phase continuity during input switchover
◆ PLL “Locked” and “Acquisition” bandwidths individually selectable from 18, 35 or 70 Hz
◆ Serial interface for device set-up
◆ Single 3.3 V operation, 5 V I/O compatible
◆ Operating temperature (ambient) of -40 to +85°C
◆ Available in LQFP 64 package
◆ Lead (Pb)-free version available (ACS8525T), RoHS and WEEE compliant




Similar Part No. - ACS8525

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8525ALC SEMTECH-ACS8525ALC Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8525AP SEMTECH-ACS8525AP Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8525AT SEMTECH-ACS8525AT Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
More results


Similar Description - ACS8525

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
logo
Zarlink Semiconductor I...
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
ZL30122 ZARLINK-ZL30122 Datasheet
259Kb / 23P
SONET/SDH Low Jitter Line Card Synchronizer
logo
Semtech Corporation
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
Line Card Protection Switch for SONET or SDH Network Elements
ACS8525A SEMTECH-ACS8525A Datasheet
2Mb / 112P
Line Card Protection Switch for SONET/SDH Systems
ACS8526 SEMTECH-ACS8526 Datasheet
805Kb / 74P
Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8527 SEMTECH-ACS8527 Datasheet
433Kb / 22P
Line Card Protection Switch for PDH, SONET or SDH Systems
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com