Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT09-PKT-R Datasheet(PDF) 1 Page - Digi International Inc.

Part # XT09-PKT-R
Description  XTEND짰-PKG RF MODEMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

XT09-PKT-R Datasheet(HTML) 1 Page - Digi International Inc.

  XT09-PKT-R Datasheet HTML 1Page - Digi International Inc. XT09-PKT-R Datasheet HTML 2Page - Digi International Inc. XT09-PKT-R Datasheet HTML 3Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RELATED PRODUCTS
APPLICATION EXAMPLE
900 MHz radio modems offer long-range performance, advanced networking
and simple out-of-the-box operation with multiple data interface options
XTEND®-PKG
RF MODEMS
BENEFITS
– Outdoor line-of-sight range up to 40 miles* (with high
gain antenna)
– Outstanding receiver sensitivity (-110 dBm @ 9600 bps)
– Adjustable power output from 100 mW to 1 W;
up to 4 W EIRP (with 6 dB antenna)
– Low power consumption for power-sensitive applications
- Pin, serial port and cyclic sleep modes available
– Streaming, acknowledged and multi-transmit modes
supported
– Easy out-of-the box operation — no configuration
necessary
– Durable industrial grade enclosure
Digi’s XTend-PKG RF modems provide everything you need
for out-of-the-box serial cable replacement, enabling quick
wireless connectivity of electronic devices across a broad
range of applications. Simply feed data into one modem
and the data is transported to the other end of a long
range wireless link. Data security is provided by 256-bit AES
encryption (128-bit AES is available outside of North America).
If more advanced functionality is needed, the modems
support an extensive set of AT and binary commands.
Available in multiple interface options, including RS-
232/422/485 and USB, XTend modems are ideally suited for
remote monitoring, building automation/security, industrial
automation/SCADA, fleet management/asset tracking and
sensor data capture in embedded systems.
1 WATT/900 MHZ
STAND-ALONE
RADIO MODEMS
USB/RS-232/
422/485
PC INSIDE PLASTIC
PROCESSING PLANT
XTEND®
RADIO MODEM
RF Signal
XTEND®
RADIO MODEM
Level Sensor
on Top of
Reslin Pellet Silo
XTend® RF
Module
ConnectPort®
X2
Accesories
Digi XLR PRO®
XCTU


Similar Part No. - XT09-PKT-R

ManufacturerPart #DatasheetDescription
logo
Digi International Inc.
XT09-DK DIGI-XT09-DK Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XT09-DK-MESH DIGI-XT09-DK-MESH Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XT09-MI DIGI-XT09-MI Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XT09-MI-MESH DIGI-XT09-MI-MESH Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
XT09-MI-NA DIGI-XT09-MI-NA Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
More results

Similar Description - XT09-PKT-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
Cordless Telephones PBX Modems
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
Telecommunications PBX Modems
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
4 Channels Modems
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
switchable modems
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
Centronics Modems Printer Interface
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
Telecommunications PBX Modems
logo
Red Lion Controls. Inc
VT-MODEM-1WW REDLION-VT-MODEM-1WW Datasheet
912Kb / 2P
Rugged Industrial Telephone Modems
logo
ISOCOM COMPONENTS
IS627 ISOCOM-IS627 Datasheet
76Kb / 3P
Modems
logo
Digi International Inc.
XTP9B-DMS-001 DIGI-XTP9B-DMS-001 Datasheet
501Kb / 3P
XTEND짰 OEM RF MODULES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com