Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A09-QRAMM Datasheet(PDF) 1 Page - Digi International Inc.

Part # A09-QRAMM
Description  XTEND짰 OEM RF MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

A09-QRAMM Datasheet(HTML) 1 Page - Digi International Inc.

  A09-QRAMM Datasheet HTML 1Page - Digi International Inc. A09-QRAMM Datasheet HTML 2Page - Digi International Inc. A09-QRAMM Datasheet HTML 3Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RELATED PRODUCTS
APPLICATION EXAMPLE
Long-range wireless modules enable communication from UART serial data with
peer-to-peer, point-to-multipoint, repeater and DigiMesh® networking topologies
XTEND® OEM
RF MODULES
BENEFITS
– Indoor/urban range up to 1000 feet*
– Outdoor line-of-sight range up to 40 miles*
(with high gain antenna)
– Outstanding receiver sensitivity (-110 dBm @ 9600 bps)
– Peer-to-peer, point-to-multipoint, repeater and
DigiMesh networking topologies
– Adjustable power output from 100 mW to 1 W;
up to 4 W EIRP (with 6 dBi antenna)
– Available in the XTend and Digi XBee SMT form factors
XTend®
RF Modem
Digi XBee® 900HP
RF Modem
XCTU
ConnectPort®
X2
Digi XBee-PRO®
900HP Module
The XTend OEM RF module provides unprecedented range in
a low-cost wireless data solution. The module is easy to use,
requires minimal power, provides reliable delivery of critical
data between devices and is now available in the even smaller
Digi XBee® Surface Mount form factor to save valuable PCB
space.
The XTend module utilizes FHSS (Frequency Hopping Spread
Spectrum) agility to avoid interference by hopping to a new
frequency on every packet transmission or re-transmission.
Its transmit power is software adjustable from 100 mW to
1 W—the maximum output power allowable by governments
that use 900 MHz as a license-free band. The XTend module is
approved for use in the United States, Canada, Australia and
other countries (contact Digi for a complete listing).
Innovations stamped in its design enable the XTend module
to supply two- to eight-times the range of other modules
operating within the unlicensed 900 MHz frequency
band. The range gained by OEMs and integrators is due to
proprietary technologies embedded into each module,
including superior RX (receiver) sensitivity, interference
immunity, modulation/demodulation techniques and others.
1 WATT/900 MHZ
OEM RF MODULES
Ethernet
PC INSIDE
SHIPPING YARD
XTEND®
RF MODEM
XTEND®
900 MHZ MODULE
Embedded into
GPS/Datalogger


Similar Part No. - A09-QRAMM

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A09 DBLECTRO-A09 Datasheet
294Kb / 1P
EDGE CARD IDC TYPE WITH MOUNTING EAR
logo
XP Power Limited
A09 XPPOWER-A09 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Vishay Barry
A0900-40-3X BARRY-A0900-40-3X Datasheet
140Kb / 1P
BeO 9 dB FLANGED ATTENUATOR
Revision Date 11/24/08
logo
MORNSUN Science& Techno...
A0905D-2WR2 MORNSUN-A0905D-2WR2 Datasheet
583Kb / 5P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0909D-2WR2 MORNSUN-A0909D-2WR2 Datasheet
583Kb / 5P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - A09-QRAMM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1325A PANASONIC-PAN1325A Datasheet
848Kb / 2P
BLUETOOTH짰 RF MODULES
logo
List of Unclassifed Man...
ALPHA-TX ETC1-ALPHA-TX Datasheet
494Kb / 16P
ALPHA RF MODULES
A24-HASM-450 ETC2-A24-HASM-450 Datasheet
1Mb / 60P
XBee Series 2 OEM RF Modules
CMD-KEY#-315 ETC2-CMD-KEY#-315 Datasheet
195Kb / 5P
OEM KEYFOB TRANSMITTER
logo
Keysight Technologies
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
PXI RF Switch Modules
logo
Sensata Technologies, I...
PS312 SENSATA-PS312 Datasheet
269Kb / 4P
Ceramic Capacitive OEM High and Low Pressure Sensing Modules
logo
Inchange Semiconductor ...
2SB566 ISC-2SB566 Datasheet
176Kb / 1P
OEM
logo
Digi International Inc.
XTP9B-PKI-R DIGI-XTP9B-PKI-R Datasheet
386Kb / 3P
XTEND짰-PKG RF MODEMS
logo
Advantech Co., Ltd.
BB-WLNN-XX-DP551 ADVANTECH-BB-WLNN-XX-DP551 Datasheet
439Kb / 2P
Secure, Rugged Wi-Fi Embedded OEM open board modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com