Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A09-QRAMM Datasheet(PDF) 2 Page - Digi International Inc.

Part # A09-QRAMM
Description  XTEND짰 OEM RF MODULES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

A09-QRAMM Datasheet(HTML) 2 Page - Digi International Inc.

  A09-QRAMM Datasheet HTML 1Page - Digi International Inc. A09-QRAMM Datasheet HTML 2Page - Digi International Inc. A09-QRAMM Datasheet HTML 3Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATIONS
WWW.DIGI.COM
SPECIFICATIONS
Digi XBee®-PRO XTC Module
PERFORMANCE
FREQUENCY RANGE
ISM 902 – 928 MHz
INDOOR/URBAN RANGE *
Up to 1000 feet (305 m) with 2.1 dB dipole antenna
Up to 360 ft (110 m)
OUTDOOR RF LINE-OF-SIGHT RANGE*
Up to 40 miles (64 km) with high gain antenna; Up to 14 miles (22 km) with
2.1 dB dipole antenna
Up to 5 miles with high gain antenna
TRANSMIT POWER
(SOFTWARE SELECTABLE)
100 mW - 1 W (20 - 30 dBm)
Up to 13 dBm
INTERFACE DATA RATE
1,200 - 230,400 bps (including non-standard baud rates)
RECEIVER SENSITIVITY (1% PER)
-110 dBm (@9,600 bps throughput data rate), -100 dBm (@115,200 bps)
RF DATA RATE
10 kbps to 125 kbps
HARDWARE INTERFACE
20 pin 2 mm pitch header
37 castellated SMT pads
SIZE
3.7 cm x 6.1 cm x 4.8 cm
3.38 cm x 2.21 cm x 1.29 cm
ANTENNA OPTIONS
MMCX, RPSMA
RF Pad, U.FL
NETWORKING AND SECURITY
SPREAD SPECTRUM
FHSS (Frequency Hopping Spread Spectrum)
MODULATION
FSK (Frequency Shift Keying)
SUPPORTED NETWORK TOPOLOGIES
Point-to-Point, Point-to-Multipoint, Repeater, Mesh
CHANNEL CAPACITY
10 hop sequences share 50 frequencies
ENCRYPTION
256-bit / 128-bit AES
POWER REQUIREMENTS
SUPPLY VOLTAGE
2.8 - 5.5 VDC
2.6 - 3.6 VDC
2.4 - 3.6 VDC
RX CURRENT
35 mA @ 5V
40 mA @ 3.3V
TRANSMIT CURRENT
Up to 710 mA @ 30 dBm
Up to 900 mA @ 30 dBm
Up to 55 mA @ 13 dBm
SHUTDOWN MODE POWER DOWN
1 µA typical
PIN SLEEP POWER DOWN
< 147 μA
2.5 uA
CYCLIC SLEEP (IDLE CURRENT)
0.3 – 0.8 mA (16 sec cyclic sleep)
ENVIRONMENTAL
OPERATING TEMPERATURE
-40º C to 85º C (Industrial)
CERTIFICATIONS
FCC ID
(U.S. CERTIFICATION PART 15.247)
MCQ-XBPSX
MCQ-XBPSX
MCQ-XBSX
IC ID (CANADA)
1846A-XBPSX
1846A-XBPSX
1846A-XBSX
C-TICK (AUSTRALIA)
RCM
DIGI XBEE/DIGI XBEE-PRO XTC MODULE
Features/Specifications
91001416
A2/408
© 2005-2008 Digi International Inc.
All rights reserved. Digi, Digi International, the Digi logo, the When Reliability Matters logo, DigiMesh and XTend are either trademarks or registered
trademarks of Digi International Inc. in the United States and other countries worldwide. All other trademarks are the property of their respective
holders.
Digi International
11001 Bren Road E.
Minnetonka, MN 55343
U.S.A.
PH: 877-912-3444
952-912-3444
FX: 952-912-4952
email: info@digi.com
Digi International
France
31 rue des Poissonniers
92200 Neuilly sur Seine
PH: +33-1-55-61-98-98
FX: +33-1-55-61-98-99
www.digi.fr
Digi International
KK
NES Building South 8F
22-14 Sakuragaoka-cho,
Shibuya-ku
Tokyo 150-0031, Japan
PH: +81-3-5428-0261
FX: +81-3-5428-0262
www.digi-intl.co.jp
Digi International
(HK) Limited
Suite 1703-05, 17/F.,
K Wah Centre
191 Java Road
North Point, Hong Kong
PH: +852-2833-1008
FX: +852-2572-9989
www.digi.cn
DIGI SERVICE AND SUPPORT - You can purchase with confidence knowing that Digi is here
to support you with expert technical support and a one-year warranty. www.digi.com/support
Digi International, the leader in device networking for business, develops reliable
products and technologies to connect and securely manage local or remote electronic
devices over the network or via the web. With over 20 million ports shipped worldwide
since 1985, Digi offers the highest levels of performance, flexibility and quality.
www.digi.com
WHEN
MATTERS™
• Operating temperature:
-40º C to 85º C (Industrial)
ENVIRONMENTA L
• Supply voltage: 2.8 – 5.5 VDC
• RX current: 80 mA
• Transmit current: See chart below
• Shutdown pin power-down:
< 1 µA
• Pin sleep power down: 147 µA
• Cyclic sleep (idle current):
0.3 – 0.8 mA (16 sec cyclic sleep)
POWE R
REQUIREMENT S
• FCC ID
(U.S. Certification Part 15.247):
- OUR-9XTEND
• IC ID (Canada):
- 4214A-9XTEND
• Australia
CERTIFICATION S
• Indoor/Urban range (w/ 2.1 dB
dipole antenna): Up to 3000
feet (900 m)
• Outdoor RF line-of-sight range
(w/high gain antenna): Up to
40 miles (64 km)
• Outdoor RF line-of-sight range
(w/ 2.1 dB dipole antenna):
Up to 14 miles (22 km)
• Transmit power output (software
selectable): 1mW - 1W
(0 - 30 dBm)
• Interface data rate:
10 - 230,400 bps (including
non-standard baud rates)
• Receiver sensitivity: -110 dBm
(@9,600 bps throughput data
rate), -100 dBm (@115,200 bps)
• Throughput data rate (software
selectable): 9,600 or 115,200 bps
• RF data rate: 10,000 bps or
125,000 bps
PERFORMANC E
• Frequency range: ISM 902 –
928 MHz
• Spread Spectrum: FHSS
(Frequency Hopping Spread
Spectrum)
• Modulation: FSK (Frequency
Shift Keying)
• Supported network topologies:
Point-to-Point, Point-to-
Multipoint, Repeater, Mesh
(Mesh networking and 256-bit
AES Encryption capabilities are
currently only available in
separate releases)
• Channel capacity: 10 hop
sequences share 50 frequencies
• Encryption: 256-bit / 128-bit AES
NETWORKING AN D
SECURIT Y
1.9 mm
1.2 mm
8.5 mm
5.0 mm
Point-to-Multipoint & Repeater
Mesh
Point-to-Point
Peer-to-Peer
Network Architectures
Please visit www.digi.com for part numbers.
Power Requirements (Relative to Each Transmit Power Output Option)
Transmit Power Output
1 mW
10 mW
100 mW
500 mW
1 W
Supply Voltage
2.8 - 5.5 VDC
2.8 - 5.5 VDC
2.8 - 5.5 VDC
3.0 - 5.5 VDC
4.75 - 5.5 VDC
Transmit Current (5V) Typical
110 mA
140 mA
270 mA
500 mA
730 mA
Transmit Current (3.3V) Typical
90 mA
100 mA
260 mA
600 mA
N/A
1.0 mm
4.0 mm
2.0 mm
3.0 mm
Pin 2
Pin 20
Pin 19
Pin 1
5.5 mm
2.0 mm
4.0 mm
37 mm
61 mm
Top:
Features/Specifications
91001416
A2/408
© 2005-2008 Digi International Inc.
All rights reserved. Digi, Digi International, the Digi logo, the When Reliability Matters logo, DigiMesh and XTend are either trademarks or registered
trademarks of Digi International Inc. in the United States and other countries worldwide. All other trademarks are the property of their respective
holders.
Digi International
11001 Bren Road E.
Minnetonka, MN 55343
U.S.A.
PH: 877-912-3444
952-912-3444
FX: 952-912-4952
email: info@digi.com
Digi International
France
31 rue des Poissonniers
92200 Neuilly sur Seine
PH: +33-1-55-61-98-98
FX: +33-1-55-61-98-99
www.digi.fr
Digi International
KK
NES Building South 8F
22-14 Sakuragaoka-cho,
Shibuya-ku
Tokyo 150-0031, Japan
PH: +81-3-5428-0261
FX: +81-3-5428-0262
www.digi-intl.co.jp
Digi International
(HK) Limited
Suite 1703-05, 17/F.,
K Wah Centre
191 Java Road
North Point, Hong Kong
PH: +852-2833-1008
FX: +852-2572-9989
www.digi.cn
DIGI SERVICE AND SUPPORT - You can purchase with confidence knowing that Digi is here
to support you with expert technical support and a one-year warranty. www.digi.com/support
Digi International, the leader in device networking for business, develops reliable
products and technologies to connect and securely manage local or remote electronic
devices over the network or via the web. With over 20 million ports shipped worldwide
since 1985, Digi offers the highest levels of performance, flexibility and quality.
www.digi.com
WHEN
MATTERS
• Operating temperature:
-40º C to 85º C (Industrial)
ENVIRONMENTA L
• Supply voltage: 2.8 – 5.5 VDC
• RX current: 80 mA
• Transmit current: See chart below
• Shutdown pin power-down:
< 1 µA
• Pin sleep power down: 147 µA
• Cyclic sleep (idle current):
0.3 – 0.8 mA (16 sec cyclic sleep)
POWE R
REQUIREMENT S
• FCC ID
(U.S. Certification Part 15.247):
- OUR-9XTEND
• IC ID (Canada):
- 4214A-9XTEND
• Australia
CERTIFICATION S
• Indoor/Urban range (w/ 2.1 dB
dipole antenna): Up to 3000
feet (900 m)
• Outdoor RF line-of-sight range
(w/high gain antenna): Up to
40 miles (64 km)
• Outdoor RF line-of-sight range
(w/ 2.1 dB dipole antenna):
Up to 14 miles (22 km)
• Transmit power output (software
selectable): 1mW - 1W
(0 - 30 dBm)
• Interface data rate:
10 - 230,400 bps (including
non-standard baud rates)
• Receiver sensitivity: -110 dBm
(@9,600 bps throughput data
rate), -100 dBm (@115,200 bps)
• Throughput data rate (software
selectable): 9,600 or 115,200 bps
• RF data rate: 10,000 bps or
125,000 bps
PERFORMANC E
• Frequency range: ISM 902 –
928 MHz
• Spread Spectrum: FHSS
(Frequency Hopping Spread
Spectrum)
• Modulation: FSK (Frequency
Shift Keying)
• Supported network topologies:
Point-to-Point, Point-to-
Multipoint, Repeater, Mesh
(Mesh networking and 256-bit
AES Encryption capabilities are
currently only available in
separate releases)
• Channel capacity: 10 hop
sequences share 50 frequencies
• Encryption: 256-bit / 128-bit AES
NETWORKING AN D
SECURIT Y
1.9 mm
1.2 mm
8.5 mm
5.0 mm
Point-to-Multipoint & Repeater
Mesh
Point-to-Point
Peer-to-Peer
Network Architectures
Please visit www.digi.com for part numbers.
Power Requirements (Relative to Each Transmit Power Output Option)
Transmit Power Output
1 mW
10 mW
100 mW
500 mW
1 W
Supply Voltage
2.8 - 5.5 VDC
2.8 - 5.5 VDC
2.8 - 5.5 VDC
3.0 - 5.5 VDC
4.75 - 5.5 VDC
Transmit Current (5V) Typical
110 mA
140 mA
270 mA
500 mA
730 mA
Transmit Current (3.3V) Typical
90 mA
100 mA
260 mA
600 mA
N/A
1.0 mm
4.0 mm
2.0 mm
3.0 mm
Pin 2
Pin 20
Pin 19
Pin 1
5.5 mm
2.0 mm
4.0 mm
37 mm
61 mm
Top:
Digi XBee® XTC Module
XTend® VB Module
XTEND VB MODULE
LINE ART
TOP
SIDE
TOP
SIDE
*Range figure estimates are based on free-air terrain with limited sources of interference. Actual range will vary based on transmitting power, orientation of transmitter and receiver,
height of transmitting antenna, height of receiving antenna, weather conditions, interference sources in the area, and terrain between receiver and transmitter, including indoor and
outdoor structures such as walls, trees, buildings, hills, and mountains.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com