Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP74R Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP74R
Description  Protect It! 7-Outlet Surge Protector 4 ft. (1.22 m) Cord, 1080 Joules, 1 Diagnostic LED, Light Gray Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP74R Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP74R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP74R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP74R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP74R Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Protection Modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping Voltage (RMS)
150
UL1449 Let Through Rating
400V
Automatic Shut-Off
Yes
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Antimicrobial Coating
No
Power Cord Color
Light Gray
Housing Color
Light Gray
Integrated Keyhole Mounting Slots
Yes
Keyhole Slot Mounting
Measurement (Center to Center)
207mm
Material of Construction
Plastic
Outlets Measurement (Center to
Center)
28.5mm
Receptacle Color
Light gray
Shipping Dimensions (hwd / cm)
5.08 x 10.92 x 35.56
Shipping Dimensions (hwd / in.)
2.00 x 4.30 x 14.00
Shipping Weight (kg)
0.50
Shipping Weight (lbs.)
1.10
Unit Dimensions (hwd / cm)
3.38 x 5.18 x 31.50
Unit Dimensions (hwd / in.)
1.33 x 2.04 x 12.4
Unit Weight (kg)
0.47
Unit Weight (lbs.)
1.04
SPECIAL FEATURES
Rotatable Outlets
No
STANDARDS & COMPLIANCE
Canada
cUL
Approvals
Exceeds IEEE 587 category A&B specifications
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com