Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP74R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP74R
Description  Protect It! 7-Outlet Surge Protector 4 ft. (1.22 m) Cord, 1080 Joules, 1 Diagnostic LED, Light Gray Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP74R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP74R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP74R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP74R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP74R Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Protect It! 7-Outlet Surge Protector 4 ft. (1.22 m)
Cord, 1080 Joules, 1 Diagnostic LED, Light Gray
Housing
MODEL NUMBER: TLP74R
Description
Tripp Lite's TLP74R offers economical AC surge suppression for protection of workstations, desktop PCs,
telecom systems and other sensitive electronics. Built-in AC surge suppression shields connected
equipment from damage and performance problems due to transient surges. TLP74R offers 7 total outlets
(6 at right angle and 1 designated transformer plug outlet), 4-ft. (1.22 m) cord and diagnostic LED to warn
of suppressor damage. AC suppression rated at 1080 joules shields equipment from surges and line
noise. Attractive gray housing with keyhole mounting tabs offering convenient protection of desktop
computer equipment and accessories. $25,000 Ultimate Lifetime Insurance (USA & Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 7 NEMA5-15R/4-ft. (1.22 m) AC line cord
ELECTRICAL: 120V AC, 60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip
SUPPRESSION: AC: 150V RMS Clamping/1080 joules/400V UL1449 Let-through
Features
1080 joules AC surge suppression shields equipment from the strongest surges and line noise
q
7 total AC outlets (6 right angle and 1 transformer plug outlet)
q
4-ft. (1.22 m) AC line cable
q
Lighted on/off switch with integrated circuit breaker for overload protection of all outlets
q
Diagnostic LED confirms surge suppression status
q
Integrated keyhole slots provide convenient wall/desk mounting
q
UL1449 3rd Edition Rated (400V all modes), UL1363 (Power Tap), cUL (Canada)
q
Exceeds IEEE 587 category A & B surge suppression specifications
q
$25,000 Ultimate Lifetime Insurance (USA and Canada Only)
q
Automatic shutoff permanently cuts power to outlets if protection circuit is incapacitated, preventing
q
Highlights
7 outlets (6 right-angle outlets
and 1 designated transformer
outlet)
q
4-ft. (1.22 m) cord
q
1080 joule rating
q
Package Includes
TLP74R Surge Suppressor
q
1 / 4


Similar Part No. - TLP74R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
TLP74RB TRIPPLITE-TLP74RB Datasheet
102Kb / 3P
7 outlet black strip, 540 joules Protect It! Surge Suppressor
More results

Similar Description - TLP74R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP1208TEL TRIPPLITE-TLP1208TEL Datasheet
176Kb / 4P
Protect It! 12-Outlet Surge Protector, 8-ft. Cord, 2160 Joules, Tel/Modem Protection
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
TLP606B TRIPPLITE-TLP606B Datasheet
166Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 790 Joules, Diagnostic LED, Black Housing
SK6-6 TRIPPLITE-SK6-6 Datasheet
169Kb / 4P
Protect It! 8-Outlet Home Computer Surge Protector, 8 ft. (2.43 m) Cord, 1080 Joules, Space-Saving Plug
SPIKESTIK TRIPPLITE-SPIKESTIK Datasheet
169Kb / 3P
Protect It! Surge Protector with 6 Right-Angle Outlets, 6 ft. (1.83 m) Cord, 540 Joules, Diagnostic LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com