Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 61 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 61 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 57Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 58Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 59Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 60Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 61Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 62Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 63Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 64Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 65Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
Figure 38: WRITE Burst Followed by PRECHARGE – WL = 1, BL = 4
Bank n
col addr
Col addr
WRITE
NOP
T0
T1
T2
T3
T4
Tx
Tx + 1
Ty
Ty + 1
CK_c
CK_t
CA[9:0]
CMD
DQS_c
DQS_t
DQ
WL = 1
tWR
Completion of burst WRITE
Transitioning data
NOP
NOP
NOP
PRECHARGE
tDQSSmax
NOP
D
IN A0
D
IN A1
D
IN A2
D
IN A3
ACTIVATE
NOP
Bank n
Bank n
row addr
Row addr
DQS_c
DQS_t
DQ
tDQSSmin
≥tRP
D
IN A0
D
IN A1
D
IN A2
D
IN A3
Case 1: tDQSSmax
Case 2: tDQSSmin
Auto Precharge operation
Before a new row can be opened in an active bank, the active bank must be precharged
using either the PRECHARGE command or the auto precharge function. When a READ
or WRITE command is issued to the device, the auto precharge bit (AP) can be set to
enable the active bank to automatically begin precharge at the earliest possible mo-
ment during the burst READ or WRITE cycle.
If AP is LOW when the READ or WRITE command is issued, then normal READ or
WRITE burst operation is executed and the bank remains active at the completion of
the burst.
If AP is HIGH when the READ or WRITE command is issued, the auto precharge func-
tion is engaged. This feature enables the PRECHARGE operation to be partially or com-
pletely hidden during burst READ cycles (dependent upon READ or WRITE latency),
thus improving system performance for random data access.
READ Burst with Auto Precharge
If AP (CA0f ) is HIGH when a READ command is issued, the READ with auto precharge
function is engaged.
This device starts an auto precharge on the rising edge of the clock BL/2 or BL/2 - 2 +
RU(tRTP/tCK) clock cycles later than the READ with auto precharge command, which-
ever is greater. For auto precharge calculations, see the PRECHARGE and Auto Pre-
charge Clarification table.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
PRECHARGE Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
61
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com