Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 66 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 66 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 62Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 63Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 64Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 65Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 66Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 67Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 68Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 69Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 70Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 152 page
background image
Table 49: REFRESH Command Scheduling Separation Requirements (Continued)
Symbol
Minimum
Delay From
To
Notes
tRRD
REFpb
ACTIVATE command to a different bank than REFpb
ACTIVATE
REFpb affecting an idle bank (different bank than activate)
1
ACTIVATE command to a different bank than the prior ACTIVATE com-
mand
Note:
1. A bank must be in the idle state before it is refreshed, so REFab is prohibited following
an ACTIVATE command. REFpb is supported only if it affects a bank that is in the idle
state.
REFRESH Requirements
1. Minimum Number of REFRESH Commands
Mobile LPDDR2 requires a minimum number, R, of REFRESH (REFab) commands with-
in any rolling refresh window (tREFW = 32 ms @ MR4[2:0] = 011 or TC ≤ 85˚C). For actual
values per density and the resulting average refresh interval (tREFI), see Refresh Re-
quirements.
For tREFW and tREFI refresh multipliers at different MR4 settings, see the MR4 Device
Temperature (MA[7:0] = 04h) table.
For devices supporting per-bank REFRESH, a REFab command can be replaced by a full
cycle of eight REFpb commands.
2. Burst REFRESH Limitation
To limit current consumption, a maximum of eight REFab commands can be issued in
any rolling tREFBW (tREFBW = 4 × 8 × tRFCab). This condition does not apply if REFpb
commands are used.
3. REFRESH Requirements and Self Refresh
If any time within a refresh window is spent in self refresh mode, the number of re-
quired REFRESH commands in that window is reduced to the following:
R´ = R - RU
tSRF
tREFI
Where RU represents the round-up function
= R - RU R ×
tSRF
tREFW
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
REFRESH Command
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
66
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com