Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PT-1DITF-R Datasheet(PDF) 105 Page - Micron Technology

Part # EDBA164B4PT-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PT-1DITF-R Datasheet(HTML) 105 Page - Micron Technology

Back Button EDBA164B4PT-1DITF-R Datasheet HTML 101Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 102Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 103Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 104Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 105Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 106Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 107Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 108Page - Micron Technology EDBA164B4PT-1DITF-R Datasheet HTML 109Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
Table 64: IDD Specification Parameters and Operating Conditions (Continued)
Notes 1–3 apply to all parameters and conditions
Parameter/Condition
Symbol
Power Supply
Notes
Idle non-power-down standby current with clock stopped: CK_t = LOW;
CK_c = HIGH; CKE is HIGH; CS_n is HIGH; All banks are idle; CA bus inputs are
stable; Data bus inputs are stable
IDD2NS1
VDD1
IDD2NS2
VDD2
IDD2NS,in
VDDQ
4
Active power-down standby current: tCK = tCKmin; CKE is LOW; CS_n is
HIGH; One bank is active; CA bus inputs are switching; Data bus inputs are
stable
IDD3P1
VDD1
IDD3P2
VDD2
IDD3P,in
VDDQ
4
Active power-down standby current with clock stop: CK_t = LOW, CK_c
= HIGH; CKE is LOW; CS_n is HIGH; One bank is active; CA bus inputs are sta-
ble; Data bus inputs are stable
IDD3PS1
VDD1
IDD3PS2
VDD2
IDD3PS,in
VDDQ
4
Active non-power-down standby current: tCK = tCKmin; CKE is HIGH;
CS_n is HIGH; One bank is active; CA bus inputs are switching; Data bus inputs
are stable
IDD3N1
VDD1
IDD3N2
VDD2
IDD3N,in
VDDQ
4
Active non-power-down standby current with clock stopped: CK_t =
LOW, CK_c = HIGH CKE is HIGH; CS_n is HIGH; One bank is active; CA bus in-
puts are stable; Data bus inputs are stable
IDD3NS1
VDD1
IDD3NS2
VDD2
IDD3NS,in
VDDQ
4
Operating burst READ current: tCK = tCKmin; CS_n is HIGH between valid
commands; One bank is active; BL = 4; RL = RL (MIN); CA bus inputs are
switching; 50% data change each burst transfer
IDD4R1
VDD1
IDD4R2
VDD2
Operating burst WRITE current: tCK = tCKmin; CS_n is HIGH between valid
commands; One bank is active; BL = 4; WL = WLmin; CA bus inputs are switch-
ing; 50% data change each burst transfer
IDD4W1
VDD1
IDD4W2
VDD2
IDD4W,in
VDDQ
4
All-bank REFRESH burst current: tCK = tCKmin; CKE is HIGH between valid
commands; tRC = tRFCabmin; Burst refresh; CA bus inputs are switching; Data
bus inputs are stable
IDD51
VDD1
IDD52
VDD2
IDD5IN
VDDQ
4
All-bank REFRESH average current: tCK = tCKmin; CKE is HIGH between
valid commands; tRC = tREFI; CA bus inputs are switching; Data bus inputs are
stable
IDD5AB1
VDD1
IDD5AB2
VDD2
IDD5AB,in
VDDQ
4
Per-bank REFRESH average current: tCK = tCKmin; CKE is HIGH between
valid commands; tRC = tREFI/8; CA bus inputs are switching; Data bus inputs
are stable
IDD5PB1
VDD1
5
IDD5PB2
VDD2
5
IDD5PB,in
VDDQ
4, 5
Self refresh current (–30˚C to +85˚C): CK_t = LOW, CK_c = HIGH; CKE is
LOW; CA bus inputs are stable; Data bus inputs are stable; Maximum 1x self
refresh rate
IDD61
VDD1
6
IDD62
VDD2
6
IDD6IN
VDDQ
4, 6
Self refresh current (+85˚C to +105˚C): CK_t = LOW, CK_c = HIGH; CKE is
LOW; CA bus inputs are stable; Data bus inputs are stable
IDD6ET1
VDD1
6, 7
IDD6ET2
VDD2
6, 7
IDD6ET,in
VDDQ
4, 6, 7
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
Electrical Specifications – IDD Specifications and Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
105
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com