Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32WB55 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 32WB55
Description  STM32WB Nucleo-68 pack for wireless solutions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32WB55 Datasheet(HTML) 2 Page - STMicroelectronics

  32WB55 Datasheet HTML 1Page - STMicroelectronics 32WB55 Datasheet HTML 2Page - STMicroelectronics 32WB55 Datasheet HTML 3Page - STMicroelectronics 32WB55 Datasheet HTML 4Page - STMicroelectronics 32WB55 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
P-NUCLEO-WB55
2/5
DB3659 Rev 2
Description
The P-NUCLEO-WB55 pack is a multi-protocol wireless and ultra-low-power device
embedding a powerful and ultra-low-power radio compliant with the Bluetooth® Low Energy
(BLE) SIG specification v5.0 and with IEEE 802.15.4-2011.
Key applications of the cryptographic functionality
•
On STM32WB55XX devices, based on Arm®(a) cores, this IP is used mainly by ST to
protect the wireless stack (to ensure that only the ST stack is installed, and that it
cannot be read/modified by third parties).
•
The AES/PKA IPs can be used for other purposes in the security field (among them
encrypt/decrypt, generate keys, sign/authenticate).
Range and maximum number of interfaces (Bluetooth® only)
•
The Bluetooth® range on STM32WB55XX is intended to be 10 m in normal working
conditions, and up to 100 m in open field.
•
The number of simultaneous connections is 8.
System requirements
•
Windows® OS (7, 8 and 10), Linux® 64-bit or macOS®
•
USB Type-A to Micro-B cable
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com