Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32WB55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 32WB55
Description  STM32WB Nucleo-68 pack for wireless solutions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32WB55 Datasheet(HTML) 1 Page - STMicroelectronics

  32WB55 Datasheet HTML 1Page - STMicroelectronics 32WB55 Datasheet HTML 2Page - STMicroelectronics 32WB55 Datasheet HTML 3Page - STMicroelectronics 32WB55 Datasheet HTML 4Page - STMicroelectronics 32WB55 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
For further information contact your local STMicroelectronics sales office.
June 2019
DB3659 Rev 2
1/5
P-NUCLEO-WB55
STM32WB Nucleo-68 pack for wireless solutions
Data brief
Features
Nucleo68
• STM32WB microcontroller in a VFQFPN68
package
• 2.4 GHz RF transceiver supporting Bluetooth®
specification v5.0 and IEEE 802.15.4-2011
PHY and MAC
• Dedicated Arm® 32-bit Cortex® M0+ CPU for
real-time Radio layer
• Three user LEDs
• Three user buttons and one reset button
• Board connector: USB user with Micro-B
• Board expansion connectors:
– Arduino™ Uno V3
– ST morpho
• Integrated PCB antenna or footprint for SMA
connector
• Flexible power-supply options: ST-LINK USB
VBUS or external sources
• On-board socket for CR2032 battery
• On-board ST-LINK/V2-1
debugger/programmer with USB
re- enumeration capability: mass storage,
virtual COM port and debug port
• Comprehensive free software libraries and
examples available with the STM32Cube
Expansion Package
• Support of a wide choice of Integrated
Development Environments (IDEs), including
IAR™, Keil®, GCC-based IDEs, Arm® Mbed™
USB dongle
• STM32WB microcontroller in UFQFPN48
package
• 2.4 GHz RF transceiver supporting Bluetooth®
specification v5.0 and IEEE 802.15.4-2011
PHY and MAC
• Dedicated Arm® 32-bit Cortex® M0+ CPU for
real-time Radio layer
• Switch for boot management
• User push button
• Three user LEDs
• Integrated PCB antenna or UFL connector
Table 1. Ordering information
Order code
Target MCU
P-NUCLEO-WB55
STM32WB55RG (Nucleo68)
STM32WB55CG (USB dongle)
USB dongle
Nucleo68
www.st.com


Similar Part No. - 32WB55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
32WB55XX STMICROELECTRONICS-32WB55XX Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
More results

Similar Description - 32WB55

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
logo
M/A-COM Technology Solu...
AN3003 MA-COM-AN3003 Datasheet
54Kb / 3P
Integrating SMT Synthesizer Solutions into Wireless Designs
logo
List of Unclassifed Man...
SIM5212 ETC1-SIM5212 Datasheet
2Mb / 12P
Wireless Module Solutions
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
Solutions for Storage
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
STM32 Nucleo Pack FOC and 6-step motor control platform
logo
STMicroelectronics
P-NUCLEO-CLD1 STMICROELECTRONICS-P-NUCLEO-CLD1 Datasheet
230Kb / 4P
The STM32 Nucleo pack P-NUCLEO-CLD1
22-Mar-2017
P-NUCLEO-LRWAN1 STMICROELECTRONICS-P-NUCLEO-LRWAN1 Datasheet
395Kb / 6P
STM32 Nucleo pack for LoRa® technologyand high-performance FSK/OOK RF transceiver modem
November 2016 Rev 2
logo
Texas Instruments
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
logo
STMicroelectronics
P-NUCLEO-53L1A1 STMICROELECTRONICS-P-NUCLEO-53L1A1 Datasheet
549Kb / 8P
VL53L1X nucleo pack with X-NUCLEO-53L1A1 expansion board and STM32F401RE nucleo board
15-Feb-2018
P-NUCLEO-LRWAN2 STMICROELECTRONICS-P-NUCLEO-LRWAN2 Datasheet
2Mb / 7P
STM32 Nucleo starter pack with LoRa® HF band sensor and gateway
21-Apr-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com