Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT1550 Datasheet (PDF) - Microtune,Inc

MT1550 Datasheet PDF - Microtune,Inc
Part # MT1550
Download  MT1550 Download
File Size   82.54 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY

MT1550 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1550 Datasheet PDF - Microtune,Inc

Part # MT1550
Download  MT1550 Click to download

File Size   82.54 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY

MT1550 Datasheet (HTML) - Microtune,Inc


MT1550 Product details

PRODUCT BRIEF
The MT1550 is a low-cost programmable-gain power amplifier IC for use in CATV upstream applications. The Microtune® MT1550 is a 3.3 volt part optimized for the DOCSIS® 1.0, 1.1, 2.0 and Euro-DOCSIS™ upstream standard. An on-chip input anti-aliasing filter is included to reduce external system costs.
The device’s specified frequency range is from 5 MHz to 65 MHz, with an output P1dB > 67 dBmV through a 1:1 impedance-ratio transformer. A 3-wire digital serial bus controls the variable gain, with gain control available in 1 dB steps and a nominal 59 dB gain range.
The MT1550 may be disabled via an external control pin. The transmit disable mode not only minimizes output noise by shutting off the output stage, but also maintains its output impedance at nominal levels. Output transients are nominally less than 16 mVp-p at 61 dBmV output level during transmit enable/disable switching.
Operating from a single 3.3 V supply, the amplifier typically draws 247 mA at maximum gain or minimum attenuation. Additional internal circuitry reduces the amplifier’s power consumption depending on gain setting. Transmit-disable mode reduces the typical current draw to 60 mA, while shutdown mode further reduces it to 85 µA.
The MT1550 is available in a 20-pin Quad Flat No-Lead (QFN) package with an exposed pad for the extended industrial temperature range of -40°C to +85°C.

FEATURES
• Integrated on-chip anti aliasing filter
• P1dB of 67 dBmV
• Low power-up/down
   transients of 16 mV p-p typical at 61 dBmV output
• Ultra low third harmonic distortion
• Single 3.3 V supply
• 59 dB gain range
• Gain programmable in 1 dB steps
• Low transmit output noise
   floor: -50 dBmV in 160 kHz
• Low transmit-disable output noise: -68 dBmV
• Two power-down modes
• DOCSIS 1.0, 1.1, 2.0 and Euro-DOCSIS compatible

MT1550 APPLICATIONS
• Cable modems
• Telephony over cable
• Set-top box CATV




Similar Part No. - MT1550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT1550 ETC1-MT1550 Datasheet
131Kb / 2P
UPSTREAM AMPLIFIER
More results


Similar Description - MT1550

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT141X MICROTUNE-MT141X Datasheet
276Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1560 MICROTUNE-MT1560 Datasheet
105Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com