Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT1560 Datasheet (PDF) - Microtune,Inc

MT1560 Datasheet PDF - Microtune,Inc
Part # MT1560
Download  MT1560 Download
File Size   105.24 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS

MT1560 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1560 Datasheet PDF - Microtune,Inc

Part # MT1560
Download  MT1560 Click to download

File Size   105.24 Kbytes
Page   2 Pages
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc
Description RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS

MT1560 Datasheet (HTML) - Microtune,Inc


MT1560 Product details

The Microtune® MT1560 is a lowcost programmable-gain power amplifier IC for use in CATV upstream applications. The MT1560 is a 3.3 volt part optimized for the DOCSIS 2.0 upstream standard.
The device’s specified frequency range is from 5MHz to 65MHz, and can output 67dBmV through a 1:1 impedance-ratio transformer. A 3- wire digital serial bus controls the variable gain, with gain control available in 1dB steps and a nominal 59dB gain range.

FEATURES
• Maximum output level of 67dBmV
• Low power-up/down transients of 16mVp-p typical at 61dBmV output
• Ultra low third harmonic distortion
• Single +3.3V supply
• 59dB gain range
• Gain programmable in 1dB steps
• Low transmit output noise floor: -51dBmV in 160kHz
• Low transmit-disable output noise: -68dBmV
• Two power-down modes
• DOCSIS 2.0 compatible

MT1560 APPLICATIONS
• Cable modems
• Telephony over cable
• Set-top box CATV




Similar Part No. - MT1560

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MT15 ALTECH-MT15 Datasheet
378Kb / 1P
Marking Tags
MT15/H ALTECH-MT15/H Datasheet
378Kb / 1P
Marking Tags
MT15/V ALTECH-MT15/V Datasheet
378Kb / 1P
Marking Tags
logo
Marktech Corporate
MT1500A MARKTECH-MT1500A Datasheet
31Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
More results


Similar Description - MT1560

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT141X MICROTUNE-MT141X Datasheet
276Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AND AUTOMOTIVE ELECTRONICS
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2050 MICROTUNE-MT2050 Datasheet
83Kb / 2P
RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com