Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTY050HVEAX Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # RTY050HVEAX
Description  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY050HVEAX Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  RTY050HVEAX Datasheet HTML 1Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
sensing.honeywell.com
RTY Series and RTP Series
NOTICE
Ferrous material or magnet material more
than 300 Gauss within 10 mm [0.39 in]
from sensor boundary may impact
sensor performance.
Table 3. Environmental Specifications
Characteristic
RTY Series
RTP Series
LV (Low Voltage)
HV (High Voltage)
LV (Low Voltage)
HV (High Voltage)
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
Ingress protection
IP69K
Media compatibility
heavy transportation fluids
Shock1
50 G peak
Vibration1
20 G peak
Salt fog
concentration 5% ±1% for 240 hr per SAE J1455
Section 4.3.3.1 (at 5.0 Vdc, 38 °C [100 F °])
bare magnet: 96 hr for as per ASTM B117
housed magnet: 240 hr per ASTM B117
1
Does not apply RTY Series sensor shaft with lever.
CAUTION
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 2
Figure 1. All Available Configurations
Series
Actuator Type
Series
Actuator Type
RTY
Integral shaft without lever
RTP
Separate bare magnet
Integral shaft with lever
Separate housed magnet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com