Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTY050HVEAX Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # RTY050HVEAX
Description  Hall-effect Rotary Position Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

RTY050HVEAX Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button RTY050HVEAX Datasheet HTML 2Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 3Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 4Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 5Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 6Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 7Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 8Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 9Page - Honeywell Solid State Electronics Center RTY050HVEAX Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
sensing.honeywell.com
Hall-effect Rotary Position Sensors
Table 5. RTP Series Functional Characteristics1
Characteristic
Standard Output
Inverted Output
Sensing
Angle
Linearity
Error2
Accuracy
Error
50° (±25°)
±2.0%
—
60° (±35°)
70° (±35°)
90° (±45°)
120° (±60°)
180° (±90°)
270° (±135°)
350° (±175°)
360° (±180°)
1
See Figure 4 for references to
.
2
Linearity error is the deviation of the measured value from the best fit line and is the quotient of the measured output ratio deviation from the best
fit line at the measured temperature to the best fit line output ratio span at the measured temperature.
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
-175
+175
0
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
Actuator Position (°)
0.5
2.5
4.5
-25
-30
-35
-45
-60
-90
-135
+25
+30
+35
+45
+60
+90
+135
0
0
0
0
0
0
0
0.0
A
B
C
Clamp High
Clamp Low
-175
+175
0
Actuator Position (°)
0.5
2.5
4.5
-180
+180
0
0.0
A
B
C
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com