Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB-BLASTER-RCN Datasheet(PDF) 9 Page - Intel Corporation

Part # PL-USB-BLASTER-RCN
Description  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN Datasheet(HTML) 9 Page - Intel Corporation

Back Button PL-USB-BLASTER-RCN Datasheet HTML 5Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 6Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 7Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 8Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 10Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 11Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 12Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
3. Using the Intel FPGA Download Cable
To start using the Intel FPGA Download Cable, you must install the drivers on your
system and set up the hardware in the Intel Quartus® Prime software. Intel
recommends that you use the latest version of the Intel Quartus Prime software.
To program or configure the device, connect the host system to the device board using
the Intel FPGA Download Cable and initiate the programming or configuration using
the Intel Quartus Prime Programmer. You can also use the cable with the Intel Quartus
Prime Signal Tap Logic Analyzer for logic analysis.
3.1. Installing the Intel FPGA Download Cable Driver on Windows
1. Locate the Intel FPGA Download Cable driver in \<Quartus Prime system
directory>\drivers\usb-blaster
.
If the driver is not in your directory, download the driver from www.altera.com/
support/software/drivers
.
2. Connect the Intel FPGA Download Cable to your PC.
3. Open Device Manager. In the Other devices tab, select and right click USB-
Blaster. Then, click Update Driver Software.
4. Click Browse. Browse to \<Quartus Prime system directory>\drivers
\usb-blaster
and click Next.
The Windows security warning is displayed.
5. Click Install to begin installing the driver.
6. Click Finish when the driver is installed.
7. Restart your system.
Related Information
Cable and Adapter Drivers Information
3.2. Installing the Intel FPGA Download Cable Driver on Linux
The Intel Quartus Prime software uses the USB drivers (usbfs) provided by Red Hat
Linux to access the Intel FPGA Download Cable. You need system administration (root)
privileges to configure the drivers. You must also change the permission on the ports
before using the Intel FPGA Download Cable to program devices.
Related Information
Cable and Adapter Drivers Information
UG-USB81204 | 2020.03.11
Send Feedback
Intel Corporation. All rights reserved. Agilex, Altera, Arria, Cyclone, Enpirion, Intel, the Intel logo, MAX, Nios,
Quartus and Stratix words and logos are trademarks of Intel Corporation or its subsidiaries in the U.S. and/or
other countries. Intel warrants performance of its FPGA and semiconductor products to current specifications in
accordance with Intel's standard warranty, but reserves the right to make changes to any products and services
at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any
information, product, or service described herein except as expressly agreed to in writing by Intel. Intel
customers are advised to obtain the latest version of device specifications before relying on any published
information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com