Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-USB-BLASTER-RCN Datasheet(PDF) 10 Page - Intel Corporation

Part # PL-USB-BLASTER-RCN
Description  Intel짰 FPGA Download Cable User Guide
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PL-USB-BLASTER-RCN Datasheet(HTML) 10 Page - Intel Corporation

Back Button PL-USB-BLASTER-RCN Datasheet HTML 6Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 7Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 8Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 9Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 10Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 11Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 12Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 13Page - Intel Corporation PL-USB-BLASTER-RCN Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3.2.1. Installing on Red Hat Enterprise 4 or Earlier Versions
1. Add the following lines to the /etc/hotplug/usb.usermap file:
#
#Intel FPGA Download Cable
#
usbblaster 0x03 0x09fb 0x6001 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0
usbblaster 0x03 0x09fb 0x6002 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0
usbblaster 0x03 0x09fb 0x6003 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0
2. Create a file named /etc/hotplug/usb/usbblaster and write:
#!/bin/sh
#Intel FPGA Download Cable hotplug script
# Allow any user to access the cable
chmod 666 $DEVICE
3. Make the file executable.
Now you can set up the programming hardware in the Intel Quartus Prime software.
3.2.2. Installing on Red Hat Enterprise 5 and 6
1. Create a file named /etc/udev/rules.d/51-usbblaster.rules
2. In the file, add the following lines, depending on the type of download cable.
Ensure that all the code is in one line.
— Intel FPGA Download Cable:
BUS=="usb", SYSFS{idVendor}=="09fb", SYSFS{idProduct}=="6001",
MODE="0666"
BUS=="usb", SYSFS{idVendor}=="09fb", SYSFS{idProduct}=="6002",
MODE="0666"
BUS=="usb", SYSFS{idVendor}=="09fb", SYSFS{idProduct}=="6003",
MODE="0666"
— Intel FPGA Download Cable II:
BUS=="usb", SYSFS{idVendor}=="09fb", SYSFS{idProduct}=="6010",
MODE="0666"
BUS=="usb", SYSFS{idVendor}=="09fb", SYSFS{idProduct}=="6810",
MODE="0666"
Now you can set up the programming hardware in the Intel Quartus Prime software.
3.3. Setting up the Intel FPGA Download Cable Hardware in the
Intel Quartus Prime Software
1. Launch the Intel Quartus Prime software.
2. Click Tools > Programmer.
3. Click Hardware Setup.
3. Using the Intel FPGA Download Cable
UG-USB81204 | 2020.03.11
Intel® FPGA Download Cable User Guide
Send Feedback
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com