Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

730 Datasheet(PDF) 2 Page - 3M Electronics

Part # 730
Description  3M??700-Series SMP Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

730 Datasheet(HTML) 2 Page - 3M Electronics

  730 Datasheet HTML 1Page - 3M Electronics 730 Datasheet HTML 2Page - 3M Electronics 730 Datasheet HTML 3Page - 3M Electronics 730 Datasheet HTML 4Page - 3M Electronics 730 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
™ 700-Series SMP Products:
SMP Sealant 730, Clear • SMP Adhesive Sealant 740UV • SMP Adhesive Sealant 760UV
- 2 -
Application Ideas
Market
3M™ 700-Series SMP Products:
730
740UV
760UV
General Industrial
x
x
x
Construction
x
x
x
Specialty Vehicle
x
x
x
Seals lap seams on trucks, trains, trailers, etc., and
construction panels. Seals/Bonds well to most common
substrates.
Bonds floors, exterior / interior panels,
roofs for trucks, trains, trailers, vans,
etc. Bonds well to most materials.
Technical Data
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ 700-Series SMP Products:
Properties
730
740UV
760UV
Tack-Free Time @ 73°F and 50%
Relative Humidity
25 - 30 minutes
40 - 60 minutes
10 - 30 minutes
Rate of Cure @ 73°F and 50%
Relative Humidity
>1/8" (3.5 mm)
>1/8" (3.5 mm)
>1/8" (3.5 mm)
per 24 hour
per 24 hour
per 24 hour
Shore A Hardness (ASTM C661)
30
30
55
Tensile Strength (ASTM D412)
250 psi (1.7 MPa)
145 psi (1.0 MPa)
260 psi (1.8 MPa)
Elongation at Break (ASTM D412)
300%
>300%
>100%
100% Modulus (ASTM D412)
>80 psi (>0.6 MPa)
>70 psi (>0.5 MPa)
>145 psi (>1 MPa)
Service Temperature
-40°F - 194°F (-40°C - 90°C)
-40°F - 194°F (-40°C - 90°C)
-40°F - 212°F (-40°C - 100°C)
Specific Gravity
1.05
1.65
1.61
Consistency
Medium paste
Medium paste
Thick paste
VOC Content
11 g/l
22 g/l
13 g/l



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com