Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

730 Datasheet(PDF) 3 Page - 3M Electronics

Part # 730
Description  3M??700-Series SMP Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

730 Datasheet(HTML) 3 Page - 3M Electronics

  730 Datasheet HTML 1Page - 3M Electronics 730 Datasheet HTML 2Page - 3M Electronics 730 Datasheet HTML 3Page - 3M Electronics 730 Datasheet HTML 4Page - 3M Electronics 730 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M
™ 700-Series SMP Products:
SMP Sealant 730, Clear • SMP Adhesive Sealant 740UV • SMP Adhesive Sealant 760UV
- 3 -
Typical Properties of 3M™ SMP Sealants / Adhesive Sealants
Note: The following technical information and data should be considered representative or typical only and should not
be used for specification purposes.
Application Temperature
40°F - 95°F (5°C - 35°C)
Resistance to dilute acids and bases
Good
UV resistance
Excellent
Water and salt spray resistance
Excellent
Compatibility with paints
Can be painted when wet
Water based: yes
Solvent based: test beforehand
Approximate Coverage
(10.5 oz. [310 mm Cartridge])
1/8" (3 mm) bead =
126 lineal feet (38 lineal meters)
Performance Data
Note: The following technical information and data should be considered representative or typical only and should not
be used for specification purposes.
Heat Resistance:
Long term exposure to temperatures greater than 212°F (100°C) will decrease tensile strength over time. Do not
use these products in applications where the temperatures will continuously exceed 212°F (100°C).
Product Certifications and Listings
3M™ 700-Series SMP Products:
730
740UV
760UV
NSF R2
–
(White and Gray only)
(White and Gray only)
Coating for Use on Structural Surfaces
(Color specific)
Leadership In Energy and
Environmental Design (LEED)
X
X
X
Contributes to LEED credit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com