Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EBDR Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST3485EBDR
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EBDR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST3485EBDR Datasheet HTML 10Page - STMicroelectronics ST3485EBDR Datasheet HTML 11Page - STMicroelectronics ST3485EBDR Datasheet HTML 12Page - STMicroelectronics ST3485EBDR Datasheet HTML 13Page - STMicroelectronics ST3485EBDR Datasheet HTML 14Page - STMicroelectronics ST3485EBDR Datasheet HTML 15Page - STMicroelectronics ST3485EBDR Datasheet HTML 16Page - STMicroelectronics ST3485EBDR Datasheet HTML 17Page - STMicroelectronics ST3485EBDR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Test circuits and typical characteristics
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
14/24
DocID9102 Rev 11
Figure 12: Drive enable and disable times waveforms (pull-up configuration)
1.
tPZL is valid if the driver is initially disabled ( RE
is high), tPSL is valid if the driver is
initially in shutdown mode (RE is low).
Figure 13: Receiver propagation delay time test circuit
1.
The input pulse is supplied by a generator with the following characteristics: PRR =
250 kHz, 50 % duty cycle, tr ≤ 6.0 ns.
2.
CL includes probe and stray capacitance
IN
OUT
tPZL or tPSL
(1)
VOM
1.5 V
1.5 V
t PLZ
0.25 V
3 V
0 V
VCC
VOL
IN
(1)
VID
R
OUT
CL = 1.5 pF
(2)
1.5 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com