Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EBDR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST3485EBDR
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EBDR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST3485EBDR Datasheet HTML 16Page - STMicroelectronics ST3485EBDR Datasheet HTML 17Page - STMicroelectronics ST3485EBDR Datasheet HTML 18Page - STMicroelectronics ST3485EBDR Datasheet HTML 19Page - STMicroelectronics ST3485EBDR Datasheet HTML 20Page - STMicroelectronics ST3485EBDR Datasheet HTML 21Page - STMicroelectronics ST3485EBDR Datasheet HTML 22Page - STMicroelectronics ST3485EBDR Datasheet HTML 23Page - STMicroelectronics ST3485EBDR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Revision history
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
22/24
DocID9102 Rev 11
8
Revision history
Table 15: Document revision history
Date
Revision
Changes
20-Jun-2005
2
Mistake on table 12 tZL(SHDN) ms ==> µs.
30-Aug-2005
3
Remove (TRUE) on title, description has been updated in cover page. The
VTH and DVTH values are changed in table 10.
07-Apr-2006
4
Order codes updated.
12-Nov-2007
5
Added Table 1.
18-Dec-2013
6
Updated Features (added SO-8 package, replaced human body model by
±15 kV IEC 61000-4-2 air discharge and IEC 1000-4-2 by IEC 61000-4-2).
Updated Description (renamed device to ST3485EB/EC, replaced human
body model by ±15 kV IEC 61000-4-2 air discharge).
Removed ST3485ECN device from Table 1.
Updated title of Table 6, cross-references, replaced human body model
(HBM) by ±15 kV IEC 61000-4-2 air discharge and IEC 1000-4-2 by IEC
61000-4-2.
Added notes below Table 9.
Updated Table 10 to Table 12 (updated data, cross-references).
Updated Figure 5 to Figure 16 (updated data, added notes below figures and
highlighted some parts of Figure 6 and Figure 12).
Removed DIP-8 package from Section 6: "Package information" and whole
document. Reformatted Section 6: "Package information" (added Figure 27,
Figure 28, Table 13 and Table 14, reversed order of figures and table).
Minor corrections throughout document.
12-Jun-2015
7
Added part number ST3485EIY
Added order code ST3485EIYDT and pointed out in Features it is
automotive grade.
Table 7 and Table 9 through to Table 12: replaced TA = -40 to 85 °C with TA
= 0 to 70 °C (ST3485ECDR), TA = -40 to 85 °C (ST3485EBDR), and TA = -
40 to 125 °C (ST3485EIYDT).
Updated titles of figures 7, 8, 11, 12, 16, 17, 18, 19, 25, and 26
15-Mar-2016
8
Table 5: added ESD information
Removed "Table 6: ESD performance: transmitter outputs, receiver inputs
(A, B)".
Added Section 7: "Ordering information"
02-Aug-2016
9
Added new part number ST3485EI
Table 1: "Device summary": added information for new part number
ST3485EI.
Removed "Note" icons throughout datasheet
Section 4: "Electrical characteristics": updated TA information
Section 5: "Test circuits and typical characteristics": removed overline bar
concerning "RE is low" in note 1 of figures 8 and 12.
Table 14: "Order codes": added ST3485EIDT and updated footnote 1
(ST3485EIYDT now qualified).
25-Aug-2016
10
Table 14: "Order codes": updated order codes ST3485EBDR and
ST3485ECDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com