Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EIDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3485EIDT
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EIDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3485EIDT Datasheet HTML 2Page - STMicroelectronics ST3485EIDT Datasheet HTML 3Page - STMicroelectronics ST3485EIDT Datasheet HTML 4Page - STMicroelectronics ST3485EIDT Datasheet HTML 5Page - STMicroelectronics ST3485EIDT Datasheet HTML 6Page - STMicroelectronics ST3485EIDT Datasheet HTML 7Page - STMicroelectronics ST3485EIDT Datasheet HTML 8Page - STMicroelectronics ST3485EIDT Datasheet HTML 9Page - STMicroelectronics ST3485EIDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
6/24
DocID9102 Rev 11
4
Electrical characteristics
Table 6: Electrical characteristics (VCC = 3 V to 3.6 V, TA = 0 to 70 °C for ST3485ECDR, TA = -
40 to 85 °C for ST3485EBDR, TA = -40 to 125 °C for ST3485EIDT and ST3485EIYDT, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY
VCC power supply current
No load, DI = 0 V or VCC
DE = VCC,
RE
= 0 V
or VCC
—
1.3
2.2
mA
DE = 0 V,
RE
= 0 V
1.2
1.9
ISHDN
Shutdown supply current
DE = 0 V, RE = VCC, DI = 0 V or VCC
0.002
1
µA
Table 7: Logic input electrical characteristics (VCC = 3 V to 3.6 V, TA = 0 to 70 °C for
ST3485ECDR, TA = -40 to 85 °C for ST3485EBDR, TA = -40 to 125 °C for ST3485EIDT and
ST3485EIYDT, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input logic threshold low
DE, DI, RE
1.3
0.8
V
VIH
Input logic threshold high
DE, DI, RE
2
IIN1
Logic input current
DE, DI, RE
±2.0
µA
IIN2
Input current (A, B)
DE = 0 V, VCC= 0 or 3.6 V
VIN = 12 V
1
mA
VIN = -7 V
-0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com