Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EIDT Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3485EIDT
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EIDT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3485EIDT Datasheet HTML 5Page - STMicroelectronics ST3485EIDT Datasheet HTML 6Page - STMicroelectronics ST3485EIDT Datasheet HTML 7Page - STMicroelectronics ST3485EIDT Datasheet HTML 8Page - STMicroelectronics ST3485EIDT Datasheet HTML 9Page - STMicroelectronics ST3485EIDT Datasheet HTML 10Page - STMicroelectronics ST3485EIDT Datasheet HTML 11Page - STMicroelectronics ST3485EIDT Datasheet HTML 12Page - STMicroelectronics ST3485EIDT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
Electrical characteristics
DocID9102 Rev 11
9/24
Table 11: Receiver switching characteristics (VCC = 3 V to 3.6 V, TA = 0 to 70 °C for
ST3485ECDR, TA = -40 to 85 °C for ST3485EBDR, TA = -40 to 125 °C for ST3485EIDT and
ST3485EIYDT, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tRPLH, tRPHL
Propagation delay
VID = 0 V to 3 V, CL = 15 pF (Figure 13
and Figure 14)
—
30
50
ns
tRPDS
|tRPLH - tRPHL| receiver
propagation delay skew
VID = 0 V to 3 V, CL = 15 pF (Figure 13
and Figure 14)
1
3
tPRZL
Receiver output enable
time to low level
CL = 15 pF (Figure 15 and Figure 17)
10
20
tPRZH
Receiver output enable
time to high level
CL = 15 pF (Figure 15 and Figure 16)
10
20
tPRHZ
Receiver output disable
time from high level
CL = 15 pF (Figure 15 and Figure 18)
10
20
tPRLZ
Receiver output disable
time from low level
CL = 15 pF (Figure 15 and Figure 19)
10
20
tPRSH
Receiver output enable
time from shutdown to
high level
CL = 15 pF (Figure 15 and Figure 16)
10
20
tPRSL
Receiver output enable
time from shutdown to
low level
CL = 15 pF (Figure 15 and Figure 17)
20
40
µs
Notes:
1. ∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes
state.
2. Measured on |tPLH(A) - tPHL(A)| and |tPLH(B) - tPHL(B)|.
3. The transceivers are put into shutdown by bring RE
high and DE low. If the input are
in state for less than 80 ns, the part are guaranteed not to enter shutdown. If the inputs are
in this state for at least 300 ns, the parts are guaranteed to have entered shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com