Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA709 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA709
Description  AM/FM/HD-Radio??DAB automotive digital output tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA709 Datasheet(HTML) 2 Page - STMicroelectronics

  STA709 Datasheet HTML 1Page - STMicroelectronics STA709 Datasheet HTML 2Page - STMicroelectronics STA709 Datasheet HTML 3Page - STMicroelectronics STA709 Datasheet HTML 4Page - STMicroelectronics STA709 Datasheet HTML 5Page - STMicroelectronics STA709 Datasheet HTML 6Page - STMicroelectronics STA709 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1
Block diagram
Figure 1. Block diagram
CRYSTAL
OSC
PLL
36.864 MHz
FM
AM
SUPPLY
3V3
VCO
Base-
band
interface
I2C/SPI
interface
DAB B-III/WX
DAB B-L
0°
90°
0°
90°
STA709
Block diagram
DB3139 - Rev 2
page 2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com