Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA709 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA709
Description  AM/FM/HD-Radio??DAB automotive digital output tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA709 Datasheet(HTML) 3 Page - STMicroelectronics

  STA709 Datasheet HTML 1Page - STMicroelectronics STA709 Datasheet HTML 2Page - STMicroelectronics STA709 Datasheet HTML 3Page - STMicroelectronics STA709 Datasheet HTML 4Page - STMicroelectronics STA709 Datasheet HTML 5Page - STMicroelectronics STA709 Datasheet HTML 6Page - STMicroelectronics STA709 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Electrical specification
2.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Min Typ Max
Units
VCC
Abs. supply voltage
-
-0.5
-
3.6
V
Tstg
Storage temperature
-
-55
-
150
°C
VESD
ESD absolute minimum withstand voltage
Human Body model
>|±2000|(1)
V
Charged device model
>|±500|(2)
Charged device model, corner pins
>|±750|
-
Max. input current at any pin
(latch-up characteristic)
IINMAX
±100
mA
1. |±1000| on AM_IN pin
2. |±400| on AM_IN pin
2.2
Thermal data
Table 2. Thermal data
Symbol
Parameter
Test condition
Value
Units
Rth j-amb Thermal resistance junction-to-ambient
Multilayer 2s2p as per JEDEC JESD51-7
27
°C/W
2.3
General key parameters
Table 3. General key parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Units
VCC
3.3 V supply voltage
-
3.15
3.3
3.45
V
ICC
Supply current
FM @108 MHz, active interfaces (10 pF load)
-
-
309
mA
Tamb
Ambient temperature range
-
-40
-
85
°C
Tj_oper
Operative junction temp
-
-
-
125
°C
Pdiss
Dissipated power
Rext = 12 Ohm
-
-
1
W
STA709
Electrical specification
DB3139 - Rev 2
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com