Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3485EB
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EB Datasheet(HTML) 3 Page - STMicroelectronics

  ST3485EB Datasheet HTML 1Page - STMicroelectronics ST3485EB Datasheet HTML 2Page - STMicroelectronics ST3485EB Datasheet HTML 3Page - STMicroelectronics ST3485EB Datasheet HTML 4Page - STMicroelectronics ST3485EB Datasheet HTML 5Page - STMicroelectronics ST3485EB Datasheet HTML 6Page - STMicroelectronics ST3485EB Datasheet HTML 7Page - STMicroelectronics ST3485EB Datasheet HTML 8Page - STMicroelectronics ST3485EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ST3485EB, ST3485EC, ST3485EI, ST3485EIY
Pin configuration
DocID9102 Rev 11
3/24
1
Pin configuration
Figure 1: Pin connections
Table 2: Pin description
Pin n°
Symbol
Name and function
1
RO
Receiver output. If A > B by 200 mV, RO will be high; if A < B by 200
mV, RO will be low.
2
RE
Receiver output enable. RO is enabled when RE
is low; RO is high
impedance when RE
is high. If RE
is high and DE is low, the
device will enter a low power shutdown mode.
3
DE
Driver output enable. The driver outputs are enabled by bringing DE
high. They are high impedance when DE is low. If RE
is high DE is
low, the device will enter a low-power shutdown mode. If the driver
outputs are enabled, the part functions as line driver, while they are
high impedance, it functions as line receivers if RE
is low.
4
DI
Driver input. A low on DI forces output A low and output B high.
Similarly, a high on DI forces output A high and output B low.
5
GND
Ground.
6
A
Non-inverting receiver input and non-inverting driver output.
7
B
Inverting receiver input and inverting driver output.
8
VCC
Supply voltage: VCC = 3 V to 3.6 V.
RO
RE
DE
DI
VCC
GND
B
A
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com