Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485EB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3485EB
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485EB Datasheet(HTML) 1 Page - STMicroelectronics

  ST3485EB Datasheet HTML 1Page - STMicroelectronics ST3485EB Datasheet HTML 2Page - STMicroelectronics ST3485EB Datasheet HTML 3Page - STMicroelectronics ST3485EB Datasheet HTML 4Page - STMicroelectronics ST3485EB Datasheet HTML 5Page - STMicroelectronics ST3485EB Datasheet HTML 6Page - STMicroelectronics ST3485EB Datasheet HTML 7Page - STMicroelectronics ST3485EB Datasheet HTML 8Page - STMicroelectronics ST3485EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 2017
DocID9102 Rev 11
1/24
This is information on a product in full production.
www.st.com
ST3485EB, ST3485EC,
ST3485EI, ST3485EIY
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/
RS-422 transceiver
Datasheet - production data
Features
ESD protection
±15 kV IEC 61000-4-2 air discharge
±8 kV IEC 61000-4-2 contact discharge
Operate from a single 3.3 V supply - no
charge pump required
Interoperable with 5 V logic
1 µA low current shutdown mode max.
Guaranteed 12 Mbps data rate
-7 to 12 V common mode input voltage
range
Half duplex versions available
Industry standard 75176 pinout
Current limiting and thermal shutdown for
driver overload protection
Guaranteed high receiver output state for
floating inputs with no signal present
Allow up to 64 transceivers on the bus
Available in SO8 package
Automotive grade (ST3485EIY)
Description
The ST3485EB/EC/EI/EIY device is ±15 kV ESD
protected, 3.3 V low power transceiver for RS-
485 and RS-422 communications. The device
contains one driver and one receiver in half
duplex configuration.
The ST3485E device transmits and receives at a
guaranteed data rate of at least 12 Mbps.
All transmitter outputs and receiver inputs are
protected to ±15 kV IEC 61000-4-2 air discharge.
The driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that places the driver
outputs into a high impedance state.
Table 1: Device summary
Order code
Temp. range
Package
Packing
ST3485ECDR
0 to 70 °C
SO8 (tape and reel)
2500 parts per reel
ST3485EBDR
-40 to 85 °C
ST3485EIDT
-40 to 125 °C
ST3485EIYDT


Similar Part No. - ST3485EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
ST3485EBD STMICROELECTRONICS-ST3485EBD Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
More results

Similar Description - ST3485EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com