Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480US Datasheet (PDF) - STMicroelectronics

ST1480US Datasheet PDF - STMicroelectronics
Part # ST1480US
Download  ST1480US Download
File Size   445.1 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver

ST1480US Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1480US Datasheet PDF - STMicroelectronics

Part # ST1480US
Download  ST1480US Click to download

File Size   445.1 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver

ST1480US Datasheet (HTML) - STMicroelectronics


ST1480US Product details

Features
• ESD protection
– – ±15 kV human body model
– – ±8 kV IEC 1000-4-2 contact discharge
• Operates from a single 3.3 V supply - no charge pump required
• Interoperable with 5 V logic
• 1 μA low current shutdown mode max.
• Guaranteed 12 Mbps data rate
• -7 to 12 common mode input voltage range
• Half duplex versions available
• Industry standard 75176 pinout
• Current limiting and thermal shutdown for driver overload protection
• Guaranteed high receiver output state for floating, shorted or terminated inputs
with no signal present
• Allows up to 64 transceivers on the bus

Description
The ST1480US is ±15 kV ESD protected, 3.3 V low power transceiver for RS-485
and RS-422 communications. The device contains one driver and one receiver in half
duplex configuration. The ST1480US transmits and receives at a guaranteed data
rate of at least 12 Mbps. All transmitter outputs and receiver inputs are protected
to ±15 kV using human body model. Driver is short-circuit current limited and is
protected against excessive power dissipation by thermal shutdown circuitry that
places the driver outputs into a high-impedance state.
The ST1480US input has a true fail-safe feature that guarantees a logic high output if
both inputs are open circuit, shorted together or in the presence of a termination with
no signal on the bus.




Similar Part No. - ST1480US

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST1480ABDR STMICROELECTRONICS-ST1480ABDR Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST1480ABDR STMICROELECTRONICS-ST1480ABDR Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST1480ABN STMICROELECTRONICS-ST1480ABN Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
More results


Similar Description - ST1480US

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com